전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD5E003DPFR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD5E003DPFR
상세설명  Five Channel Space Saving ESD Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPD5E003DPFR 데이터시트(HTML) 4 Page - Texas Instruments

  TPD5E003DPFR Datasheet HTML 1Page - Texas Instruments TPD5E003DPFR Datasheet HTML 2Page - Texas Instruments TPD5E003DPFR Datasheet HTML 3Page - Texas Instruments TPD5E003DPFR Datasheet HTML 4Page - Texas Instruments TPD5E003DPFR Datasheet HTML 5Page - Texas Instruments TPD5E003DPFR Datasheet HTML 6Page - Texas Instruments TPD5E003DPFR Datasheet HTML 7Page - Texas Instruments TPD5E003DPFR Datasheet HTML 8Page - Texas Instruments TPD5E003DPFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±2
±1
0
1
2
3
4
5
6
7
8
Voltage (V)
C005
±10
0
10
20
30
40
50
60
70
±15 0
15
30
45
60
75
90 105 120 135 150 165 180
Time (ns)
C006
±30
±20
±10
0
10
20
30
±15
±10
±5
0
5
10
15
20
25
30
35
Voltage (V)
C004
0
50
100
150
200
250
300
350
400
450
0
3
6
9
12
15
18
21
24
±5
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
Current
Power
C003
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
BIAS (V)
C001
0
5
10
15
20
25
30
35
40
45
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
±5
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
Current
Power
C002
TPD5E003
SLVSBQ6A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 2. Capacitance vs DC Bias Voltage
Figure 3. Surge Plot (tp = 8/20
μs), Pin Dx to GND
Figure 4. Surge Plot (tp = 8/20
μs), Pin GND to Dx
Figure 5. 30 Amps TLP Plot
Figure 6. DC SWEEP V-I Curve
Figure 7. IEC 61000-4-2 Clamping Voltage, +8kV Contact
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD5E003


유사한 부품 번호 - TPD5E003DPFR

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
TPD5E003DPFR LEIDITECH-TPD5E003DPFR Datasheet
342Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
More results

유사한 설명 - TPD5E003DPFR

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5_13 Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices For space saving application
logo
Shanghai Yint Electroni...
ESD5V0K5 YINT-ESD5V0K5 Datasheet
712Kb / 4P
   Five-Lines ESD Protection
logo
Texas Instruments
TPD8E003 TI1-TPD8E003 Datasheet
834Kb / 15P
[Old version datasheet]   8-CHANNEL ESD ARRAY FOR PORTABLE SPACE-SAVING APPLICATIONS
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Stanson Technology
STE0515 STANSON-STE0515 Datasheet
88Kb / 5P
   Five-Line ESD Protection Array
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
UM1002 UNIONSEMI-UM1002_16 Datasheet
237Kb / 6P
   Dual Channel ESD Protection Device
logo
Micro Commercial Compon...
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
   ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
   ESD Protection Device
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
   ESD protection device
3 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com