전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX2016DB24576D0GEJZ1 데이터시트(PDF) 1 Page - Kyocera Kinseki Corpotation

부품명 CX2016DB24576D0GEJZ1
상세설명  2.0횞1.6mm for Consumer Products
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KSS [Kyocera Kinseki Corpotation]
홈페이지  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX2016DB24576D0GEJZ1 데이터시트(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX2016DB24576D0GEJZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.0
×1.6mm for Consumer Products
Crystal Units
Surface Mount Type CX2016DB
RoHS Compliant
Features
• Crystal unit for Consumer Products
• Ultra-miniature and low profile
(2.0
×1.6×0.40mm)
• Ceramic package
• Reflow compatible
Applications
• Digital Electronics
• Consumer Products
How to Order
CX2016DB 27000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series (CX2016DB)
② Frequency
③ Load Capacitance
B0
6 pF
D0
8 pF
Std.
④ Frequency Stability
G
±15×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
EJ
-10 to +70°C
±15×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
18000 to 25999kHz
150
Ω max.
26000 to 35999kHz
80
Ω max.
36000 to 39999kHz
60
Ω max.
40000 to 54000kHz
50
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
18000 to 54000kHz
10
μW (100μW max.)
2.00±0.10
4−0.10±0.1
CONNECTION
(TOP VIEW)
GND
4−R0.1 #4
#3
#1
#1
#4
#2
#4
#3
#1
#2
#2
#3
4−0.57±0.1
4−0.10
C 0.20
Dimensions
(Unit: mm)
0.9
0.9
0.5
1.4
Recommended Land Pattern
(Unit: mm)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
18000.000
CX2016DB18000D0GEJZ1
20000.000
CX2016DB20000D0GEJZ1
24000.000
CX2016DB24000D0GEJZ1
24576.000
CX2016DB24576D0GEJZ1
26000.000
CX2016DB26000D0GEJZ1
27000.000
CX2016DB27000D0GEJZ1
32000.000
CX2016DB32000D0GEJZ1
36000.000
CX2016DB36000D0GEJZ1
37400.000
CX2016DB37400D0GEJZ1
38400.000
CX2016DB38400D0GEJZ1
40000.000
CX2016DB40000D0GEJZ1
48000.000
CX2016DB48000D0GEJZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Series
CX2016DB
Frequency Range
f_nom
18000 to 54000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
8
pF
Frequency Stability
f_tol
±15
×10-6 25°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range T_use
-10 to +70
°C
Storage Temp. Range T_stg
-40 to +85
°C
Frequency Temp. Characteristics f_tem
±15
×10-6 Freq. deviation from the value at 25°C
• Please contact us for other specifications.


유사한 부품 번호 - CX2016DB24576D0GEJZ1

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB_18 Datasheet
69Kb / 1P
   Crystal units surface mount type
More results

유사한 설명 - CX2016DB24576D0GEJZ1

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
   Processors for Consumer and Industrial Products
IMX28CEC FREESCALE-IMX28CEC Datasheet
665Kb / 70P
   Processors Data Sheet for Consumer Products
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com