전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX8045GA13560H0QTWZ1 데이터시트(PDF) 1 Page - Kyocera Kinseki Corpotation

부품명 CX8045GA13560H0QTWZ1
상세설명  8.0횞4.5mm for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KSS [Kyocera Kinseki Corpotation]
홈페이지  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX8045GA13560H0QTWZ1 데이터시트(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX8045GA13560H0QTWZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
Surface Mount Type CX8045GA
8.0
×4.5mm for Automotive
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Small and low profile (8.0
×4.5×1.8mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
How to Order
CX8045GA 08000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
H0
12 pF
Std.
④ Frequency Stability
P
±50×10-6
Q
±100×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
4000 to 7199kHz
300
Ω max.
7200 to 9999kHz
200
Ω max.
10000 to 11999kHz
150
Ω max.
12000 to 30000kHz
100
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
4000 to 15999kHz
10
μW (500μW max.)
16000 to 24999kHz
10
μW (300μW max.)
25000 to 30000kHz
10
μW (100μW max.)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
4000 to 30000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
12
pF
Frequency Stability
f_tol
±100
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
8000.000
CX8045GA08000H0QTWZ1
9843.750
CX8045GA09843H0QTWZ1
10000.000
CX8045GA10000H0QTWZ1
12000.000
CX8045GA12000H0QTWZ1
13560.000
CX8045GA13560H0QTWZ1
14000.000
CX8045GA14000H0QTWZ1
16000.000
CX8045GA16000H0QTWZ1
18000.000
CX8045GA18000H0QTWZ1
20000.000
CX8045GA20000H0QTWZ1
24000.000
CX8045GA24000H0QTWZ1
25000.000
CX8045GA25000H0QTWZ1
30000.000
CX8045GA30000H0QTWZ1
8.0±0.3
1.5
1.5
5.0
CONNECTION
Dimensions
(Unit: mm)
6.6
2.4
2.4
Recommended Land Pattern
(Unit: mm)


유사한 부품 번호 - CX8045GA13560H0QTWZ1

제조업체부품명데이터시트상세설명
logo
Kyocera Kinseki Corpota...
CX8045GA KSS-CX8045GA Datasheet
65Kb / 1P
   Crystal units surface mount type
CX8045GA08000H0QTVZ1 KSS-CX8045GA08000H0QTVZ1 Datasheet
65Kb / 1P
   Crystal units surface mount type
CX8045GA KSS-CX8045GA_18 Datasheet
65Kb / 1P
   Crystal units surface mount type
More results

유사한 설명 - CX8045GA13560H0QTWZ1

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NX3225GA_16 NDK-NX3225GA_16_11 Datasheet
719Kb / 1P
   For Automotive
NX2016SA NDK-NX2016SA_18 Datasheet
713Kb / 1P
   For Automotive
NX1612SA NDK-NX1612SA_18 Datasheet
697Kb / 1P
   For Automotive
NX8045GB NDK-NX8045GB_16 Datasheet
695Kb / 1P
   For Automotive
WFC75C1472CE NDK-WFC75C1472CE Datasheet
843Kb / 1P
   For Automotive
NX3225GB NDK-NX3225GB Datasheet
301Kb / 1P
   For Automotive
NX5032SD NDK-NX5032SD_15 Datasheet
293Kb / 1P
   For Automotive
NX5032SD NDK-NX5032SD_16 Datasheet
696Kb / 1P
   For Automotive
WFC68K0433CJ NDK-WFC68K0433CJ_18 Datasheet
987Kb / 2P
   For Automotive
NX3225SC NDK-NX3225SC_16 Datasheet
688Kb / 1P
   For Automotive
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com