전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-XNM-1W 데이터시트(PDF) 2 Page - Microdc power Technology Co., Ltd

부품명 D-XNM-1W
상세설명  1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRODC [Microdc power Technology Co., Ltd]
홈페이지  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-XNM-1W 데이터시트(HTML) 2 Page - Microdc power Technology Co., Ltd

  D-XNM-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-XNM-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-XNM-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D-X
D-X
D-X
D-X
D-X
D-X
D-X
D-XN
N
N
N
N
N
N
NM-1W
M-1W
M-1W
M-1W
M-1W
M-1W
M-1W
M-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
To ensure
this module can operate efficiently and reliably, During operation, the minimum output
load could not be less than 10% of the full load . If the actual output power is very small , please
connect
a
resistor
with
proper
resistance
at
the
output
end
in
parallel
to increase the
load , or use our company 
products with a lower rated output power.
Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
If
you want
to
further
decrease
the
input/output
ripple , an "LC"
filtering
network may
be connected to the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the
inductance and the frequency of the "LC" filtering network should
be staggered with
the DC/DC frequency to avoid mutual
interference. However , the capacitance
of
the output filter capacitor must be proper. If
the capacitance is too big , a startup
problem might arise.
For every channel of output , provided the safe and reliable operation is ensured , the recommended
capacitance of its filter capacitor sees (Table 1).
Output
Output
Output
Output Voltage
Voltage
Voltage
Voltage Regulation
Regulation
Regulation
Regulation and
and
and
and Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Overload
Overload
Overload
Overload Protection
Protection
Protection
Protection
Under normal operating conditions,
the output circuit of
these products has no protection against
overload . The
simplest method
is
to
connect
a
self-recovery
fuse
in
series
at
the input
end or add a circuit breaker to the circuit.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
It's
not
recommended
to
connect
any
external
capacitor
in
the
application
field
with
less
than
0.5
watt output.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±1.5
%
Load regulation
10% to 100% load (3.3V output)
15
20
%
Load regulation
10% to 100% load(5V output)
12.8
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
75
100
mVp-p
Switching frequency
Full load, nominal input
130
KHz
*Test ripple and noise by "Parallel cable"method. See detailed operation
instructions at Testing of Power
Converter section, application notes.


유사한 부품 번호 - D-XNM-1W

제조업체부품명데이터시트상세설명
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

유사한 설명 - D-XNM-1W

제조업체부품명데이터시트상세설명
logo
Microdc power Technolog...
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
ID-XH30M-1W MICRODC-ID-XH30M-1W Datasheet
970Kb / 2P
   1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
ID-XH30S-1W MICRODC-ID-XH30S-1W Datasheet
571Kb / 2P
   1W,FIXED INPUT,3000VDCISOLATED & REGULATEDTWINOUTPUTDC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
A-XT-1W MICRODC-A-XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com