전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMS1587CD-25 데이터시트(PDF) 9 Page - Advanced Monolithic Systems

부품명 AMS1587CD-25
상세설명  3A LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADMOS [Advanced Monolithic Systems]
홈페이지  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1587CD-25 데이터시트(HTML) 9 Page - Advanced Monolithic Systems

  AMS1587CD-25 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1587CD-25 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1587
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
TO-252 PLASTIC PACKAGE (D)
0.030
(0.762)
TYP
0.085-0.095
(2.159-2.413)
0.030-0.034
(0.762-0.863)
0.024±0.002
(0.610±0.0508)
0.018-0.022
(0.451-0.558)
0.038
(0.965)
TYP
D (D3) AMS DRW# 042891
0.038-0.042
(0.965-1.066)
0.038-0.042
(0.965-1.066)
0.235-0.245
(5.969-6.223)
0.088-0.092
(2.235-2.336)
0.099-0.103
(2.514-2.615)
0.175-0.180
(4.191-4.445)
0.023-0.027
(0.584-0.685)
0.020-0.030
(0.508-0.762)
0.258-0.262
(6.553-6.654)
0.033-0.037
(0.838-0.939)
0.020-0.030
(0.508-0.762)
0.208-0.212
(5.283-5.384)
0.025
(0.635)
TYP
0.057-0.067
(0.144-0.170)
DIA
45.0°
7.0°


유사한 부품 번호 - AMS1587CD-25

제조업체부품명데이터시트상세설명
logo
Advanced Monolithic Sys...
AMS1587CM ADMOS-AMS1587CM Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-1.5 ADMOS-AMS1587CM-1.5 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-2.5 ADMOS-AMS1587CM-2.5 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-2.85 ADMOS-AMS1587CM-2.85 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587CM-3.0 ADMOS-AMS1587CM-3.0 Datasheet
78Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

유사한 설명 - AMS1587CD-25

제조업체부품명데이터시트상세설명
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com