전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM201 데이터시트(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 FM201
상세설명  2.0A Surface Mount General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM201 데이터시트(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM201 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd FM201 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
.1
1.0
10
100
Rating and characteristic curves (FM201 THRU FM207)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.1
.01
1
10
100
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
.01
T =125 C
J
T =25 C
J
T =25 C
J
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
0.4
0
0.8
1.2
1.6
2.0
2.4
0
20
40
60
80
100
120
140
160
180
200
LEAD TEMPERATURE,(°C)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121107
2008/02/10
2010/03/09
D
7
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
P.C.B. Mounted on
0.2" x 0.2" (5 mm x 5 mm)
Copper Pad Areas


유사한 부품 번호 - FM201

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
   Glass passivated type
FM201 FORMOSA-FM201 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM201-BS FORMOSA-FM201-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM201-L FORMOSA-FM201-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
More results

유사한 설명 - FM201

제조업체부품명데이터시트상세설명
logo
E-CMOS Corporation
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com