전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

514-105-76 데이터시트(PDF) 3 Page - Marl International Limited

부품명 514-105-76
상세설명  횠12.7mm mounting Robust bright nickel plated brass housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

514-105-76 데이터시트(HTML) 3 Page - Marl International Limited

  514-105-76 Datasheet HTML 1Page - Marl International Limited 514-105-76 Datasheet HTML 2Page - Marl International Limited 514-105-76 Datasheet HTML 3Page - Marl International Limited 514-105-76 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
514 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph B
10
20
30
40
50
8
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph C
10
20
30
40
50
also available
Part numbers also available in the 514 series:
Part
Number
Colour
Voltage
Vopr
514-102-20
Red
5/6 Vdc
514-102-22
Red
24 Vdc
514-102-25
Red
110 Vdc
514-102-72
Red
24 Vac 50 Hz
514-102-75
Red
110 Vac 50 Hz
514-102-76
Red
230 Vac 50 Hz
514-105-04
Red
20 mA dc
514-105-22
Red
24 Vdc
514-105-25
Red
110 Vdc
514-105-55-15
Red
130 Vdc
514-105-72
Red
24 Vac 50 Hz
514-105-72-19
Red
24 Vac 50 Hz
514-105-75
Red
110 Vac 50 Hz
514-105-76
Red
230 Vac 50 Hz
514-111-04
Yellow
20 mA dc
514-111-22
Yellow
24 Vdc
514-111-72
Yellow
24 Vac 50 Hz
514-111-72-19
Yellow
24 Vac 50 Hz
514-111-75
Yellow
110 Vac 50 Hz
514-111-75-19
Yellow
110 Vac 50 Hz
514-111-76
Yellow
230 Vac 50 Hz
514-114-04
Green
20 mA dc
514-114-22
Green
24 Vdc
514-114-55-15
Green
130 Vdc
514-114-72
Green
24 Vac 50 Hz
514-114-75
Green
110 Vac 50 Hz
514-114-76
Green
230 Vac 50 Hz
514-501-04
Red
20 mA dc
The products listed here illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 514 - version 2013-01-17-173609
page 3 of 4


유사한 부품 번호 - 514-105-76

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
514-105-76 MARL-514-105-76 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-105-76 MARL-514-105-76 Datasheet
373Kb / 4P
   Suitable for high vibration applications
514-105-76-15 MARL-514-105-76-15 Datasheet
305Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results

유사한 설명 - 514-105-76

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
604 MARL-604 Datasheet
460Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
508 MARL-508 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
603 MARL-603 Datasheet
464Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   Robust bright nickel plated brass housing
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com