전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447714101 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7447714101
상세설명  POWER INDUCTOR WE-PD 1050
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447714101 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447714101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714101 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
Eigenschaften / properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated Current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit/ ferrite
ALa
11-02-17
Name
Datum / date
1050
Änderung / modification
Version 1
5,0 max
10,0 ± 0,5
3,0 ± 0,1
7,7 ± 0,3
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -40°C - +125°C
...............................................
............................................
Basismaterial / base material:
Draht / wire:
Class H
Agilent N5776A für/for I
DC;
WAYNE KERR 3260B für/for L
0; I
SAT
D Prüfgeräte / test equipment:
@ 20°C
10,0 ± 0,3
It is recommended that the temperature of the part does
max.
Kunde / customer
Luftfeuchtigkeit / humidity:
E Testbedingungen / test conditions:
GMC Metrahit 27I für/for R
DC
Agilent E4991A für/for SRF
not exceed 125°C under worst case operating conditions.
Würth Elektronik
..................................................................................
Freigabe erteilt / general release:
Kunde / customer :
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2011-02-17
max.
Testbedingungen /
test conditions
198
+/-20%
Artikelnummer / part number :
Endoberfläche / finishing electrode:
Cu/Ni/Sn
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Umgebungstemp. / ambient temperature: -40°C - +85°C
5,9
@ 20°C
7447714101
SPEICHERDROSSEL WE-PD 1050
POWER INDUCTOR WE-PD 1050
µH
RDC max
L
A Mechanische Abmessungen / dimensions:
100 kHz / 1mA
RDC typ
165
100
IR
mΩ
@ 20°C
mΩ
typ.
1,75
typ.
1,5
A
∆L/L < 10%
fres
MHz
∆T = 40 K
typ.
Isat
A
[mm]
SEITE 1 VON 3


유사한 부품 번호 - 7447714101

제조업체부품명데이터시트상세설명
logo
Union Semiconductor, In...
7447714101 UNIONSEMI-7447714101 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results

유사한 설명 - 7447714101

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447714151 WURTH-7447714151 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714221 WURTH-7447714221 Datasheet
248Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714471 WURTH-7447714471 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714560 WURTH-7447714560 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714681 WURTH-7447714681 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714015 WURTH-7447714015 Datasheet
248Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714056 WURTH-7447714056 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714102 WURTH-7447714102 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714331 WURTH-7447714331 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714033 WURTH-7447714033 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714047 WURTH-7447714047 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com