전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

748-980-76-57 데이터시트(PDF) 1 Page - Marl International Limited

부품명 748-980-76-57
상세설명  High Efficiency Components Used For Maximum Energy Saving
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

748-980-76-57 데이터시트(HTML) 1 Page - Marl International Limited

  748-980-76-57 Datasheet HTML 1Page - Marl International Limited 748-980-76-57 Datasheet HTML 2Page - Marl International Limited 748-980-76-57 Datasheet HTML 3Page - Marl International Limited 748-980-76-57 Datasheet HTML 4Page - Marl International Limited 748-980-76-57 Datasheet HTML 5Page - Marl International Limited 748-980-76-57 Datasheet HTML 6Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HALOGEN FLOOD LIGHT
@12 HRS PER DAY).
THE MARL LOW PROFILE FLOOD LIGHT COMBINES THE LATEST OSRAM
GOLDEN DRAGON LEDS WITH HIGH-EFFICIENCY OPTICS, PSU AND OPTIMISED
THERMAL DESIGN TO ACHIEVE A TOTAL LUMEN OUTPUT OF UP TO 3000
LUMENS MAKING IT THE IDEAL ANSWER TO LOW ENERGY FLOOD LIGHTING
SOLUTIONS. SPECIAL CARE HAS BEEN TAKEN TO PROVIDE A UNIFORM
EXPECTANCY.
• EQUIVALENT TO 250W
WITH TEMPERED GLASS.
GLASS: TEMPERED
RW
WITH UP TO 30 x
COATED IP66 HOUSING
• DURABLE POWDER
FOR 60,000HRS (13 YRS
ELECTRICAL
INPUT POWER: 60W
INPUT VOLTAGE: 110-240VAC (240VAC WITH PHOTOCELL)
FREQUENCY: 47-63Hz
POWER FACTOR: >0.97/115VAC 0.95/230VAC
INRUSH CURRENT: COLD START 75A/230VAC
ILLUMINATION USING OPTICAL GRADE PMMA LENSES. THE ROBUST HOUSING
IS POWDER COATED TO PROVIDE LONG TERM ENVIRONMENTAL
NJO
MECHANICAL
WEIGHT: 8.1 KG
CABLE SPEC: PVC INSULATED PUR SHEATHED
3-CORE 16/0.2MM, 7.1MM OD
CABLE LENGTH: 2M
PROTECTION: OVER VOLTAGE / CURRENT / TEMPERATURE & S/C
CRI (TYP): 70
PROTECTION AND IS IP RATED TO IP66. THE FLOODLIGHT HAS BEEN
IP RATING: IP66
* - WITH PHOTOCELL FOR DUSK TO DAWN OPERATION (SEE SHEET 2).
HOUSING: DIE-CAST ALUMINIUM POWDER COATED
OVERVIEW
EXTRA WIDE VIEWING ANGLE (FWHM): 106°+54°
WIDE VIEWING ANGLE (FWHM): 44°
MEDIUM VIEWING ANGLE (FWHM): 26°
OPTICAL
COMPLIANCE TO WORLDWIDE SAFETY REGULATIONS FOR LIGHTING
LED: OSRAM GOLDEN DRAGON PLUS
STORAGE TEMPERATURE: -40ºC TO +80ºC
AMBIENT OPERATING TEMPERATURE: -30ºC TO +45ºC
PART NUMBERS
LONGER LIFE
COLOUR TEMP: >5000K
OVAL VIEWING ANGLE (FWHM): 12°+48°
COMPONENTS USED
FOR MAXIMUM ENERGY
RELIABILITY ELIMINATE
• LONG LIFE AND
SAVING.
HIGH EFFICIENCY
MAINTENANCE PERIOD
BRACKET AND PRE-TERMINATED WITH UV STABILISED POWER CABLE.
DESIGNED FOR SIMPLE INSTALLATION WITH ADJUSTABLE MOUNTING
AC CURRENT: (0.8A/115VAC
0.4A/230VAC)
ORDER CODE
HOUSING COLOR
BEAM ANGLE
748-980-76-50
BLACK
WIDE
748-980-76-51
BLACK
MEDIUM
748-980-76-52
WHITE
WIDE
748-980-76-53
WHITE
MEDIUM
748-980-76-54*
BLACK
MEDIUM
748-980-76-55*
BLACK
WIDE
748-980-76-56
BLACK
EXTRA WIDE
748-980-76-57
BLACK
OVAL
11/04/12
107/11
025/12
6
DT
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL8801
1
ASS8800
6
ISSUE
MODIFICATION
DRN
DATE
1
5
RE
05/01/11
© MARL INTERNATIONAL LIMITED 2010 THIS DRAWING AND COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED
TO A THIRD PARTY WITHOUT THE PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
OF 6
N/A
N/A
ORIGINAL ISSUE
DT
22/12/11
17/11/11
RW
4
102/11
14/09/11
N/A
05/01/11
RE
w: www.marl.co.uk
FEATURES
ORIGINAL SCALE
LOW PROFILE LED FLOODLIGHT
2
20/05/11
RW
035/11
3
GR
074/11
Marl International Limited
Marl Business Park
Ulverston
Cumbria
LA12 9BN
t: +44 (0) 1229 582430
f: +44 (0) 1229 585155
e: sales@marl.co.uk
19/03/12


유사한 부품 번호 - 748-980-76-57

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
748-982-76-50 MARL-748-982-76-50 Datasheet
2Mb / 3P
   High Efficiency Components Used For Maximum Energy Saving
More results

유사한 설명 - 748-980-76-57

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
SPL9066 MARL-SPL9066 Datasheet
2Mb / 3P
   High Efficiency Components Used For Maximum Energy Saving
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
   Energy-saving light
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
   Energy saving offline high voltage converter
Rev 5 April 2020
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
   Energy-saving axial fan
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
   Energy-saving axial fans
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
   Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
   Energy saving off-line high voltage converter
March 2016 Rev 1
logo
Recom International Pow...
REDIM RECOM-REDIM Datasheet
418Kb / 3P
   suitable for energy-saving lamps, dimmable LED lamps
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
   Energy Saving Type Low Dissipation
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com