전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447714681 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7447714681
상세설명  POWER INDUCTOR WE-PD 1050
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447714681 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447714681 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714681 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714681 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
10,4 ± 0,1
mm
B
10,7 ± 0,1
mm
C
1,5 + 0,05
mm
D
4,0 ± 0,1
mm
E
2,0 ± 0,1
mm
F
16,0 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
24,0 ± 0,3
mm
J
0,4 ± 0,05
mm
K
5,1 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
ALa
11-07-26
Name
Datum / date
Gurtspezifikation / Tape specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Änderung / modification
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
SPEICHERDROSSEL WE-PD 1050
POWER INDUCTOR WE-PD 1050
DATUM / DATE : 2011-07-26
Artikelnummer / part number :
7447714681
Spezifikation für Freigabe / specification for release
Kunde / customer :
Version 1
no component /
160 mm min.
components
no components /
100 mm min.
End
Start
feeding direction
D
F
I
Ø c
a
d
b
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
cover tape
E
A
øC
G
K
J
B
400 mm min
.
XXX
XXX
H
SEITE 3 VON 3


유사한 부품 번호 - 7447714681

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447714680 WURTH-7447714680 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
DATE : 2011-02-17
logo
Union Semiconductor, In...
7447714680 UNIONSEMI-7447714680 Datasheet
603Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results

유사한 설명 - 7447714681

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447714151 WURTH-7447714151 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714221 WURTH-7447714221 Datasheet
248Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714471 WURTH-7447714471 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714560 WURTH-7447714560 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714015 WURTH-7447714015 Datasheet
248Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714056 WURTH-7447714056 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714102 WURTH-7447714102 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714331 WURTH-7447714331 Datasheet
232Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714033 WURTH-7447714033 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714047 WURTH-7447714047 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com