전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAWX7X0A-1B 데이터시트(PDF) 5 Page - Seoul Semiconductor

부품명 SAWX7X0A-1B
상세설명  Binning and Labeling Connect in AC power with Bridge Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX7X0A-1B 데이터시트(HTML) 5 Page - Seoul Semiconductor

  SAWX7X0A-1B Datasheet HTML 1Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 2Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 3Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 4Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 5Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 6Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 7Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 8Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev.
Rev. 01
01
July
July 2012
2012
www.ACRICH.com
www.ACRICH.com
5
Document No. : SSC-QP-7-07-24 (Rev.00)
- Pure white binning structure graphical representation
0.28
0.30
0.32
0.34
0.36
0.28
0.30
0.32
0.34
0.36
0.38
0.40
CIE x
4700K
5000K
5300K
5600K
6000K
6500K
7000K
7600K
8200K
A5
A3
A1
A9
A6
A4
A2
A0
A8
A7
C8
C9
C0
C1
C2
C3
C4
C5
C6
C7
B8
B9
B0
B1
B2
B3
B4
B5
B6
B7
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Energy Star Rank
Energy Star Rank


유사한 부품 번호 - SAWX7X0A-1B

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

유사한 설명 - SAWX7X0A-1B

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
ON Semiconductor
AFGY120T65SPD-B4 ONSEMI-AFGY120T65SPD-B4 Datasheet
1Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com