전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAWW8X1A 데이터시트(PDF) 10 Page - Seoul Semiconductor

부품명 SAWW8X1A
상세설명  Super high Flux output and high Luminance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWW8X1A 데이터시트(HTML) 10 Page - Seoul Semiconductor

Back Button SAWW8X1A Datasheet HTML 6Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 7Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 8Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 9Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 10Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 11Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 12Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 13Page - Seoul Semiconductor SAWW8X1A Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
Rev. 01
Rev. 01
September 2012
September 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
서식번호 : SSC-QP-7-07-18 (Rev.00)
VF=120V, IF=120mA, Ta=25℃
VF=220V, IF=60mA, Ta=25℃
* Note
Red area is ANSI chromaticity.
0.40
0.42
0.44
0.46
0.48
0.36
0.38
0.40
0.42
0.44
CIE X
H7
H6
H5
H4
H3
H2
H1
H0
H9
H8
G7
G6
G9
G8
G5
G4
G3
G2
G1
2600K
2700K
2900K
3000K
3200K
G0
Binning Structure


유사한 부품 번호 - SAWW8X1A

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

유사한 설명 - SAWW8X1A

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com