전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW802A 데이터시트(PDF) 11 Page - Agere Systems

부품명 FW802A
상세설명  Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

FW802A 데이터시트(HTML) 11 Page - Agere Systems

Back Button FW802A Datasheet HTML 7Page - Agere Systems FW802A Datasheet HTML 8Page - Agere Systems FW802A Datasheet HTML 9Page - Agere Systems FW802A Datasheet HTML 10Page - Agere Systems FW802A Datasheet HTML 11Page - Agere Systems FW802A Datasheet HTML 12Page - Agere Systems FW802A Datasheet HTML 13Page - Agere Systems FW802A Datasheet HTML 14Page - Agere Systems FW802A Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet, Rev. 3
FW802A Low-Power PHY IEEE 1394A-2000
June 2001
Two-Cable Transceiver/Arbiter Device
Agere Systems Inc.
11
Application Information (continued)
5-6930 (F)
Figure 4. Typical Port Termination Network
1394 Application Support Contact Information
E-mail: 1394support@agere.com
Crystal Selection Considerations
The FW802A is designed to use an external 24.576 MHz crystal connected between the XI and XO terminals to
provide the reference for an internal oscillator circuit. IEEE 1394a-2000 standard requires that FW802A have less
than
±100 ppm total variation from the nominal data rate, which is directly influenced by the crystal. To achieve this,
it is recommended that an oscillator with a nominal 50 ppm or less frequency tolerance be used.
The total frequency variation must be kept below
±100 ppm from nominal with some allowance for error introduced
by board and device variations. Trade offs between frequency tolerance and stability may be made as long as the
total frequency variation is less than
±100 ppm.
TPBIAS1
TPA1+
TPA1–
TPB1+
TPB1–
TPBIAS0
TPA0+
TPA0–
TPB0+
TPB0–
42
41
40
39
38
37
36
35
34
33
TPBIAS1
56
56
56
56
5 k
220 pF
0.33
µF
IEEE 1394-1995 STANDARD
CONNECTOR
USE SAME PORT TERMINATION NETWORK AS ILLUSTRATED BELOW.
1
3
5
2
4
6
VG
VP
CABLE
POWER


유사한 부품 번호 - FW802A

제조업체부품명데이터시트상세설명
logo
Agere Systems
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802B-DB AGERE-FW802B-DB Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802BF-09-DB AGERE-FW802BF-09-DB Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results

유사한 설명 - FW802A

제조업체부품명데이터시트상세설명
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com