전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1393123-6 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 2-1393123-6
상세설명  KHA Series Panel Plug-in Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393123-6 데이터시트(HTML) 2 Page - Tyco Electronics

  2-1393123-6 Datasheet HTML 1Page - Tyco Electronics 2-1393123-6 Datasheet HTML 2Page - Tyco Electronics 2-1393123-6 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KHA Relays
Product Code
Description
27E894
DIN socket (use 20C426 clip)
27E166
Panel/track mount socket (use 20C297 clip)
27E006
Solder/grounding socket (use 20C217 clip)
27E007
PCB/grounding socket (use 20C217 clip)
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Other Data (continued)
Vibration resistance (destructive)
.062” double amplitude, 5-55Hz,
6h, mechanical
Shock resistance (functional)
15g, 11ms (mechanical)
Terminal type
solder/plug-in .105” (2.67mm),
pcb-tht .112” (2.84mm)
Weight
45g
Packaging/unit
tray/50 pcs., box/250pcs.
Dimensions
KHAU and KHAX types
PCB terminals
KHAE and KHAF types
Terminal assignment
2 Form C
4 Form C
PCB layout
Bottom view on solder pins
4 pole version
.180 DIA.
BOSSES (4.57)
.265 ±.046
(6.73 ±1.17)
1 2 3 4
5 6 7 8
9 10 11 12
.859 MAX.
(21.82)
.168 ±020
(4.27 ±.51)
.168
(4.27)
.421 ±.046
(10.69 ±1.17)
.525
(13.34)
.263
(6.68)
.313
(7.95)
.797 ±.020
(20.24 ±.51)
.040 ±.010
(1.02 ±.25)
.250
(6.35)
.125 DIA.
(3.18)
1.281 MAX.
(32.54)
1.600 MAX WITH
INDICATOR LAMP
(38.10)
#3-48
THREAD
.219
(5.56)
Printed circuit terminal thickness .022 (.558)
.112
(2.84)
.052 REF.
(1.32)
.047
REF.
(1.19)
.750
(19.05)
.312 ± .031
(7.92 ± .79)
13
4
8
12
1
5
9
14
4
8
12
3
7
11
2
6
10
1
5
9
13
14
-
+
-
+
.160
(4.06)
14
PLACES
.070 DIA.
(1.78)
.410
(10.41)
.660
(16.76)
.175
(4.45)
.350
(8.89)
.525
(13.34)
Polarity shown for LED indicator


유사한 부품 번호 - 2-1393123-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393123-1 MACOM-2-1393123-1 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-3 MACOM-2-1393123-3 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-4 MACOM-2-1393123-4 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-5 MACOM-2-1393123-5 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-7 MACOM-2-1393123-7 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
More results

유사한 설명 - 2-1393123-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393122-9 MACOM-2-1393122-9 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-9 MACOM-2-1393123-9 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1419106-6 MACOM-2-1419106-6 Datasheet
314Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-6 MACOM-2-1393122-6 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-5 MACOM-2-1393123-5 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-0 MACOM-2-1393122-0 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-4 MACOM-2-1393122-4 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-8 MACOM-2-1393122-8 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-4 MACOM-2-1393123-4 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-2 MACOM-2-1393122-2 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com