전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1393137-6 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 2-1393137-6
상세설명  Mid-Priced CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393137-6 데이터시트(HTML) 2 Page - Tyco Electronics

  2-1393137-6 Datasheet HTML 1Page - Tyco Electronics 2-1393137-6 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1225
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Wiring Diagrams – Bottom Views (pins numbered clockwise from keyway)
* If control switch is closed when power is applied, relay will immediately energize. A 50 millisecond minimum switch closure is required. IMPORTANT: A dry circuit switch is recommended. A “dry
circuit” switch is one rated to reliably switch currents of less than 50mA. Use of a switch rated for other than dry circuit may result in failure of the time delay relay to function properly.
** Note: Input polarity for DC operation. For most reliable operation on AC, connect high side to “+” and low side to “–”.
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Outline Dimensions
External Resistor Chart
See External Resistor Selection Charts at beginning of Time Delay Relay section of this Databook.
Delay On Operate Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
0.1 to 10 Sec.
Knob
1
CKB-38-30010
0.1 to 10 Sec.
CKB-38-70010
120VAC
0.6 to 60 Sec.
Knob
1
CKB-38-70060
1.2 to 120 Sec.
CKB-38-70120
1.8 to 180 Sec.
CKB-38-70180
120VAC
0.1 to 10 Sec.
Resistor
2
CKF-38-70010
12VDC
0.1 to 10 Sec.
Knob
1
CKD-38-20010
Delay On Release Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
0.1 to 10 Sec.
CKB-38-78010
120VAC
0.6 to 60 Sec.
Knob
3
CKB-38-78060
1.8 to 180 Sec.
CKB-38-78180
120VAC
0.1 to 10 Sec.
Resistor
4
CKF-38-78010
24VDC
0.1 to 10 Sec.
Resistor
4
CKH-38-38010
Delay On Dropout Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
0.1 to 10 Sec.
Knob
1
CKB-38-37010
0.6 to 60 Sec.
CKB-38-37060
0.1 to 10 Sec.
CKB-38-77010
120VAC
0.6 to 60 Sec.
Knob
1
CKB-38-77060
1.2 to 120 Sec.
CKB-38-77120
Interval On Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
120VAC
0.1 to 10 Sec.
Knob
3
CKB-38-79010
.60
(15.2)
.56
(14.2)
2.937 MAX.
(74.6)
2.406 MAX.
(61.1)
1.781 MAX.
(45.2)
+
_
INPUT
(DC POLARITY INDICATED)**
Fig.1
8 Pin
EXTERNAL RESISTOR
INPUT
(DC POLARITY INDICATED)**
Fig. 2
11 Pin
+
_
CONTINUOUS
SUPPLY
INPUT
(DC POLARITY INDICATED)**
EXTERNAL
CONTROL
SWITCH*
Fig. 3
11 Pin
+
_
CONTINUOUS
SUPPLY
INPUT
(DC POLARITY INDICATED)**
EXTERNAL
CONTROL
SWITCH*
Fig. 4
11 Pin
EXTERNAL RESISTOR
+
_


유사한 부품 번호 - 2-1393137-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393137-0 MACOM-2-1393137-0 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-1 MACOM-2-1393137-1 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-2 MACOM-2-1393137-2 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-3 MACOM-2-1393137-3 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-4 MACOM-2-1393137-4 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
More results

유사한 설명 - 2-1393137-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
2-1393137-1 MACOM-2-1393137-1 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-3 MACOM-2-1393137-3 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
CHB-38-30001 MACOM-CHB-38-30001 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-4 MACOM-2-1393137-4 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-0 MACOM-2-1393137-0 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-2 MACOM-2-1393137-2 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com