전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1393147-9 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 2-1393147-9
상세설명  Power Relay RM 8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393147-9 데이터시트(HTML) 1 Page - Tyco Electronics

  2-1393147-9 Datasheet HTML 1Page - Tyco Electronics 2-1393147-9 Datasheet HTML 2Page - Tyco Electronics 2-1393147-9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 8
n
2 pole 25 A, 2 form C (2 CO) contacts
n
DC or AC coil
n
Mechanical indicator
n
Push-to-test button
n
Chassis- or DIN-rail mount
Typical applications
Cleaning equipment, heating and cooling equipment
Approvals
VDE REG.-Nr. 40003144, UL E214025,
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO)
Rated voltage
400VAC
Max. switching voltage
400VAC
Rated current
25A
Limiting making current, 20ms max.
60A
Switching power
6000VA
Contact material
AgCdO, AgNi90/10
Min. recommended contact load
24VDC/100mA
Frequency of operation,
with/without load, DC coil
960/6000h-1
Operate/release time max., DC coil
15/10ms
Bounce time max., form A/form B, DC coil
4/6ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RM8
C (CO)
25 A, 250 VAC, cos
φ=1 35°C
10x103
UL 508
RM80
A/B (NO/NC) 25 A, 240 VAC, 1 phase per pole,
general purpose 40°C
6x103
RM8
A/B (NO/NC) 25 A, 415 VAC, resistive, AC-Coil 45°C
10x103
RM80
A/B (NO/NC) 25 A, 415 VAC, resistive, DC-Coil 50°C
10x103
RM82
A/B (NO/NC) 16 A, 415 VAC, resistive, 70°C
30x103
RM82
A/B (NO/NC) 240 VAC, 1phase, 2HP, 50°C
6x103
Mechanical endurance
10x106 operations
Coil Data
Coil voltage range
6 to 220VDC
6 to 400VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class 130 (B)
Coil versions, DC coil
Coil code
Rated
Coil
Rated coil
STD
LED
PD3)
LED+
voltage
resistance
power
bipolar
PD3)
VDC
Ω±10%1)2)
W
006
L06
0A6
LA6
6
32
1.1
012
L12
0B2
LB2
12
110
1.3
024
L24
0C4
LC4
24
475
1.2
048
L48
0E8
LE8
48
2000
1.2
060
L60
0G0
LG0
60
2850
1.3
110
M10
1B0
MB0
110
100001)
1.2
221
N21
2C1
NC1
220
400002)
1.2
Operate voltage, DC coil
75% of rated coil voltage
Release voltage, DC coil
10% of rated coil voltage
1) Coil resistance ±12%, 2) Coil resistance ±15%
3) Protection diode PD; standard polarity: +A1 / -A2
All figures are given for coil without pre-energization, at ambient temperature +23°C
F0165-B
Z
V


유사한 부품 번호 - 2-1393147-9

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
2-1393147-9 TEC-2-1393147-9 Datasheet
293Kb / 3P
   Mechanical indicator
2-1393147-9 TEC-2-1393147-9 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
More results

유사한 설명 - 2-1393147-9

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393147-8 MACOM-2-1393147-8 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-6 MACOM-2-1393844-6 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-9 MACOM-2-1393844-9 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-7 MACOM-2-1393844-7 Datasheet
486Kb / 3P
   Power Relay RM 8
RM805024_0607 MACOM-RM805024_0607 Datasheet
191Kb / 3P
   Power Relay RM 8
2-1393147-4 MACOM-2-1393147-4 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393147-6 MACOM-2-1393147-6 Datasheet
486Kb / 3P
   Power Relay RM 8
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
   Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
   Accessories Power Relay RM
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
   Accessories Power Relay RM
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com