전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA16S1CAA 데이터시트(PDF) 3 Page - Agere Systems

부품명 TA16S1CAA
상세설명  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

TA16S1CAA 데이터시트(HTML) 3 Page - Agere Systems

  TA16S1CAA Datasheet HTML 1Page - Agere Systems TA16S1CAA Datasheet HTML 2Page - Agere Systems TA16S1CAA Datasheet HTML 3Page - Agere Systems TA16S1CAA Datasheet HTML 4Page - Agere Systems TA16S1CAA Datasheet HTML 5Page - Agere Systems TA16S1CAA Datasheet HTML 6Page - Agere Systems TA16S1CAA Datasheet HTML 7Page - Agere Systems TA16S1CAA Datasheet HTML 8Page - Agere Systems TA16S1CAA Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Agere Systems Inc.
Data Sheet
TA16-Type 2.5 Gbits/s Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
Description (continued)
The optical transmitter is available with either a 1.31 µm
Fabry-Perot laser for short-reach applications or
1.31 µm and 1.55 µm DFB lasers for intermediate- to
long-reach applications. The optical output signal is
SONET and ITU compliant for OC-48/STM-16 applica-
tions as shown in Table 4, Optical Characteristics.
In the receive direction, the transponder module
receives a 2488.32 Mbits/s optical signal and converts
it to an electrical signal, extracts a clock signal, and
then demultiplexes the data into sixteen 155 Mbits/s
differential LVPECL data signals. The optical receiver is
available with either a PIN photodetector or with an
APD photodetector. The receiver operates over the
wavelength range of 1.1 µm to 1.6 µm and is fully com-
pliant to SONET/SDH OC-48/STM-16 physical layer
specifications as shown in Table 5, Optical Characteris-
tics.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect reliability.
1. Human body model.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range
TC
075
°C
Storage Case Temperature Range
TS
–40
85
°C
Supply Voltage
–0.5
5.5
V
Voltage on Any LVPECL Pin
0
VCC
High-speed LVPECL Output Source Current
50
mA
Static Discharge Voltage1
ESD
500
V
Relative Humidity (noncondensing)
RH
85
%
Receiver Optical Input Power—Biased:
APD
PIN
PIN
PIN
0
8
dBm
dBm
Minimum Fiber Bend Radius
1.25 (31.8)
in. (mm)


유사한 부품 번호 - TA16S1CAA

제조업체부품명데이터시트상세설명
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

유사한 설명 - TA16S1CAA

제조업체부품명데이터시트상세설명
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com