전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1393217-2 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 2-1393217-2
상세설명  Miniature PCB Relay RE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393217-2 데이터시트(HTML) 2 Page - Tyco Electronics

  2-1393217-2 Datasheet HTML 1Page - Tyco Electronics 2-1393217-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay RE (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN 60335, par.30
Ambient temperature
-40 to +70°C
-40 to +85°C at 4A
Category of environmental protection
IEC 61810
RTIII - wash tight
Vibration resistance (functional)
10g
Terminal type
PCB-THT
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/25 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0176-BH
S0176-BJ
S0271-AH
Product code structure
Typical product code
RE
0
3
2
012
Type
RE Miniature PCB Relay RE
Version
0
Wash tight
Contact configuration
3
1 form A (NO) contact
Contact material
1
AgNi 0.15
2
AgNi 0.15 gold plated
4
AgNi 90/10
0
AgCdO
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil
Part number
RE030005
wash tight
1 form A
AgCdO
5VDC
1393217-1
RE030006
1 NO contact
6VDC
1393217-2
RE030012
12VDC
1393217-4
RE030024
24VDC
1393217-8
RE030048
48VDC
1-1393217-1
RE032005
AgNi 0,15
5VDC
1-1393217-9
RE032006
gold plated
6VDC
2-1393217-0
RE032012
12VDC
2-1393217-2
RE032024
24VDC
2-1393217-4
RE032048
48VDC
2-1393217-5
RE034005
AgNi 90/10
5VDC
2-1416010-3
RE034006
6VDC
2-1416010-4
RE034012
12VDC
2-1416010-6
RE034024
24VDC
2-1416010-7
RE034048
48VDC
2-1416010-8


유사한 부품 번호 - 2-1393217-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
2-1393217-2 TEC-2-1393217-2 Datasheet
233Kb / 2P
   Optimized height 10.6mm
More results

유사한 설명 - 2-1393217-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393217-0 MACOM-2-1393217-0 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-4 MACOM-2-1393217-4 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
2-1393217-5 MACOM-2-1393217-5 Datasheet
399Kb / 2P
   Miniature PCB Relay RE
RE030005 MACOM-RE030005_05 Datasheet
147Kb / 2P
   Miniature PCB Relay RE
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com