전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1393222-0 데이터시트(PDF) 3 Page - Tyco Electronics

부품명 2-1393222-0
상세설명  Miniature Power PCB Relay MSR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393222-0 데이터시트(HTML) 3 Page - Tyco Electronics

  2-1393222-0 Datasheet HTML 1Page - Tyco Electronics 2-1393222-0 Datasheet HTML 2Page - Tyco Electronics 2-1393222-0 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
06-2011, Rev. 0611
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB Relay MSR (Continued)
Product code structure
Typical product code
V23061
-A
1
007
-A
3
02
Type
V23061 Miniature Power PCB Relay MSR
Version
A 1 form A contact (1 NO), UL-class A
B 1 form C contact (1 CO), UL-class A
C 1 form A contact (1 NO), UL-class F
D 1 form C contact (1 CO), UL-class F
Version
1
Wash tight
2
Flux proof
Coil
Coil code: please refer to coil versions table
Contact system
A Standard
Contact material
3
AgSnO2
8
AgNi 90/10
Contact configuration
01 1 form C (CO) contact
02 1 form A (NO) contact
Other types on request
Product code
Version
Contacts
Contact material
Coil
Part number
V23061-A1002-A302
Wash tight
1 form A
AgSnO2
5VDC
1393222-4
V23061-A1003-A302
1 NO contact
6VDC
1393222-9
V23061-A1005-A302
12VDC
2-1393222-0
V23061-A1007-A302
24VDC
3-1393222-9
V23061-B1002-A301
1 form C
5VDC
7-1393222-2
V23061-B1005-A301
1 CO contact
12VDC
9-1393222-1
V23061-B1007-A301
24VDC
1-1393223-7
V23061-B1009-A301
48VDC
3-1393223-7
V23061-C2001-A802
Flux proof
1 form A
AgNi90/10
3VDC
5-1416200-3
V23061-C2002-A802
1 NO contact
5VDC
5-1416200-4
V23061-C2003-A802
6VDC
5-1416200-5
V23061-C2004-A802
9VDC
5-1416200-6
V23061-C2005-A802
12VDC
5-1416200-7
V23061-C2007-A802
24VDC
5-1416200-8
V23061-C2009-A802
48VDC
6-1416200-0
V23061-C2010-A802
60VDC
6-1416200-1
V23061-D2001-A801
1 form C
3VDC
6-1416200-2
V23061-D2002-A801
1 CO contact
5VDC
6-1416200-3
V23061-D2003-A801
6VDC
6-1416200-4
V23061-D2004-A801
9VDC
6-1416200-5
V23061-D2005-A801
12VDC
6-1416200-6
V23061-D2007-A801
24VDC
6-1416200-7
V23061-D2009-A801
48VDC
6-1416200-9
V23061-D2010-A801
60VDC
7-1416200-0


유사한 부품 번호 - 2-1393222-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393222-0 MACOM-2-1393222-0 Datasheet
255Kb / 3P
   Miniature Power PCB Relay MSR V23061
logo
TE Connectivity Ltd
2-1393222-0 TEC-2-1393222-0 Datasheet
255Kb / 3P
   General Purpose Low Power PCB Relays
2-1393222-0 TEC-2-1393222-0 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
More results

유사한 설명 - 2-1393222-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393223-1 MACOM-2-1393223-1 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
V23061A1002A302 MACOM-V23061A1002A302 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393223-6 MACOM-2-1393223-6 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-7 MACOM-2-1393222-7 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-3 MACOM-2-1393222-3 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
MSR MACOM-MSR_06 Datasheet
63Kb / 1P
   Miniature Power PCB Relay MSR / V23061
V23061B1005A401 MACOM-V23061B1005A401 Datasheet
255Kb / 3P
   Miniature Power PCB Relay MSR V23061
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com