전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL0639 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 HCPL0639
상세설명  The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0639 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL0639 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.8
7
Typical Performance Curves (HCPL0600, HCPL0601 and HCPL0611 only)
Fig. 5 Low Level Output Voltage vs. Temperature
TA – TEMPERATURE (˚C)
TA – TEMPERATURE (˚C)
TA – TEMPERATURE (˚C)
Fig. 6 Low Level Output Current vs. Temperature
Fig. 7 Propagation Delay vs. Temperature
Fig. 8 Propagation Delay vs. Pulse Input Current
IF – PULSE INPUT CURRENT (mA)
-40
-20
0
20
406080
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
CC
= 5.5V
VE = 2V
IF = 5mA
IO = 12.8mA
IO = 9.6mA
IO = 6.4mA
IO = 16mA
-40
-20
0
20
406080
100
20
25
30
35
40
45
50
55
60
V
CC
= 5V
VE = 2V
VOL = 0.6V
IF = 10-15mA
IF = 5mA
-40
-20
0
20
406080
100
20
30
40
50
60
70
80
90
100
V
CC
= 5V
IF = 7.5mA
tPLH
RL = 1kΩ
tPLH
RL = 350Ω
tPHL
RL = 350
Ω & 1kΩ
579
11
13
15
20
30
40
50
60
70
80
90
V
CC
= 5V
TA = 25°C
tPLH
RL = 1kΩ
tPLH
RL = 350Ω
tPHL
RL = 350
Ω & 1kΩ


유사한 부품 번호 - HCPL0639

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

유사한 설명 - HCPL0639

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FOD0708 FAIRCHILD-FOD0708 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
   DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC3063M FAIRCHILD-MOC3063M Datasheet
278Kb / 11P
   The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
logo
Toshiba Semiconductor
TLP595G TOSHIBA-TLP595G Datasheet
318Kb / 8P
   The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET
logo
OPTEK Technologies
OPI8137 OPTEK-OPI8137 Datasheet
174Kb / 4P
   Optically Coupled Logic gate
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Toshiba Semiconductor
TLP4592G TOSHIBA-TLP4592G Datasheet
217Kb / 6P
   The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com