전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSHS-6-D 데이터시트(PDF) 1 Page - Major League Electronics

부품명 TSHS-6-D
상세설명  .050x.100 cl Dual Row - Straight Terminal Strips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAJOR-LEAGUE [Major League Electronics]
홈페이지  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TSHS-6-D 데이터시트(HTML) 1 Page - Major League Electronics

  TSHS-6-D Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mates with:
LSSHS,
SMSS,
SSHS
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Specifications
Current Rating: 1.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 300V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1.27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
D = Dual Row
Pins Per Row
TSHS-6 XX
D
XX
Ordering Information
XX
LF
-
--
-
01 - 40
Lead Free
- XXX
Pin Options
Post with .120 Tail
04
2.54mm
.100
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
Length
8.13mm
.320
05
2.79mm
.110
8.38mm
.330
08
4.83mm
.190
10.41mm
.410
11
5.13mm
.205
10.80mm
.425
14
5.84mm
.230
11.43mm
.450
16
7.24mm
.285
12.83mm
.505
20
8.51mm
.335
14.10mm
.555
22
9.91mm
.390
15.49mm
.610
24
10.29mm
.405
15.88mm
.625
26
10.92mm
.430
16.51mm
.650
28
12.32mm
.485
17.91mm
.705
30
13.59mm
.535
19.18mm
.755
32
15.37mm
.605
20.96mm
.825
40
21.08mm
.830
26.67mm
1.050
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G
30µ Gold on Contact Area / Matte Tin on Tail
H
10µ Gold on Contact Area / Flash on Tail
Gold Flash over Entire Pin
F
A -
Tail Length
A = .120 (3.05)
Major League Electronics .050x.100 cl Terminal Strips - Straight
07 FEB 07
TSHS-6-D SERIES
Terminal Strips
.050x.100 cl Dual Row - Straight


유사한 부품 번호 - TSHS-6-D

제조업체부품명데이터시트상세설명
logo
Major League Electronic...
TSHS-6-S MAJOR-LEAGUE-TSHS-6-S Datasheet
73Kb / 1P
   .050 cl Single Row - Straight terminal Strips
More results

유사한 설명 - TSHS-6-D

제조업체부품명데이터시트상세설명
logo
Major League Electronic...
SSHS-5-D-04 MAJOR-LEAGUE-SSHS-5-D-04 Datasheet
225Kb / 1P
   .050x.050 cl Dual Row Socket Strips
SSHS-5-D-02 MAJOR-LEAGUE-SSHS-5-D-02 Datasheet
77Kb / 1P
   .050x.050 cl Dual Row Socket Strips
TBSTC-5-D MAJOR-LEAGUE-TBSTC-5-D Datasheet
231Kb / 1P
   .050x.050 cl Dual Row - Custom Thicker Board Stacker Terminal Strips
TSHC-6-D MAJOR-LEAGUE-TSHC-6-D Datasheet
230Kb / 1P
   .050x.100 cl Dual Row - Custom Terminal Strip Headers
SSHS-1-D MAJOR-LEAGUE-SSHS-1-D Datasheet
95Kb / 2P
   .100 cl Dual Row Socket Strips - Straight
TSHS-5-D MAJOR-LEAGUE-TSHS-5-D Datasheet
252Kb / 1P
   .050x.050 cl Dual Row - Straight Terminal Strip Headers
BSTS-6-D MAJOR-LEAGUE-BSTS-6-D Datasheet
232Kb / 1P
   .050*.100 cl Dual Row - Straight Board Stacker Terminal Strips
BSTS-1-D MAJOR-LEAGUE-BSTS-1-D Datasheet
262Kb / 1P
   .100 cl Dual Row Board Stacker Terminal Strips
TSHR-6-D MAJOR-LEAGUE-TSHR-6-D Datasheet
223Kb / 1P
   .050x.100 cl Dual Row - Right Angle Terminal Strip Header
SSHS-6-D MAJOR-LEAGUE-SSHS-6-D Datasheet
231Kb / 1P
   .050*.100 cl Dual Row - Straight Socket Strips
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com