전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5338RBCPZ-RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5338RBCPZ-RL7
상세설명  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5338RBCPZ-RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5338RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 10 of 28
Figure 11. Internal Reference Voltage vs. Supply Voltage
Figure 12. Integral Nonlinearity (INL)
Figure 13. Differential Nonlinearity (DNL)
Figure 14. INL Error and DNL Error vs. Temperature
Figure 15. INL Error and DNL Error vs. VREF
Figure 16. INL Error and DNL Error vs. Supply Voltage
2.5002
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
D1
D3
D2
TA = 25°C
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
156
312
468
625
781
938
CODE
CODE
0.5
–0.5
–0.3
–0.1
0.1
0.3
CODE
0
156
312
468
625
781
938
0.15
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
0.15
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
0.15
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
INL
DNL
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V


유사한 부품 번호 - AD5338RBCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5338RBCPZ-RL7 AD-AD5338RBCPZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
More results

유사한 설명 - AD5338RBCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com