전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9119-MIX-EBZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9119-MIX-EBZ
상세설명  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9119-MIX-EBZ 데이터시트(HTML) 3 Page - Analog Devices

  AD9119-MIX-EBZ Datasheet HTML 1Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 2Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 3Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 4Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 5Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 6Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 7Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 8Page - Analog Devices AD9119-MIX-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 3 of 68
SPECIFICATIONS
DC SPECIFICATIONS
VDDA = VDD = 1.8 V, VSSA = −1.5 V, IOUTFS = 33 mA, TA = −40°C to +85°C.
Table 1.
AD9119
AD9129
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
11
14
Bits
ACCURACY
Integral Nonlinearity (INL)
0.2
1.4
LSB
Differential Nonlinearity (DNL)
0.15
1.1
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
+2.5
+2.5
%
Full-Scale Output Current Maximum
33.4
34.2
34.9
33.4
34.2
34.9
mA
Full-Scale Output Current Minimum
9.1
9.4
9.6
9.1
9.4
9.6
mA
Output Compliance Range
1.5
2.5
1.5
2.5
V
Output Impedance1
DAC CLOCK INPUT (DACCLK_P, DACCLK_N)
Differential Peak-to-Peak Voltage
0.4
1
2
0.4
1
2
V
Common-Mode Voltage
1.2
1.2
V
TEMPERATURE DRIFT
Gain
60
60
ppm/°C
Reference Voltage
20
20
ppm/°C
REFERENCE
Internal Reference Voltage
1.0
1.0
V
Output Resistance
5
5
kΩ
ANALOG SUPPLY VOLTAGES
VDDA
1.70
1.80
1.90
1.70
1.80
1.90
V
VSSA
−1.4
−1.5
−1.6
−1.4
−1.5
−1.6
V
DIGITAL SUPPLY VOLTAGES
VDD
1.70
1.8
1.90
1.70
1.8
1.90
V
FIR40 Enabled, DACCLK > 2600 MSPS
1.8
1.9
2.0
1.8
1.9
2.0
V
SUPPLY CURRENTS AND POWER DISSIPATION, 2.3 GSPS
(NORMAL MODE)
IVDDA
202
209
202
209
mA
IVSSA
53
54
53
54
mA
IDVDD
307
327
307
327
mA
Power Dissipation
Normal Mode
1.0
1.05
1.0
1.05
W
FIR25 Enabled
1.17
1.24
1.17
1.24
W
FIR40 Enabled
1.3
1.4
1.3
1.4
W
Reduced Power Mode, Power-Down Enabled
(Register 0x01 = 0xEF)
IVDDA
7.6
7.6
mA
IVSSA
6
6
µA
IVDD
0.4
0.4
mA
SUPPLY CURRENTS AND POWER DISSIPATION, 2.8 GSPS
(NORMAL MODE)
IVDDA
230
230
mA
IVSSA
53
53
mA
IDVDD
336
336
mA
Power Dissipation (Normal Mode)
1.1
1.1
W
1
For more information about output impedance, see the Output Stage Configuration section.


유사한 부품 번호 - AD9119-MIX-EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9119-MIX-EBZ AD-AD9119-MIX-EBZ Datasheet
2Mb / 66P
   RF Digital-to-Analog Converter
More results

유사한 설명 - AD9119-MIX-EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com