전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7860 데이터시트(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-7860
상세설명  The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7860 데이터시트(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7860 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Figure 10. SNR vs. Conversion Mode.
Figure 11. Effective Resolution vs. Conversion Mode.
Figure 12. Conversion Time vs. Conversion Mode.
Figure 7. Offset Change vs. Temperature
Figure 8. VREF Change vs. Temperature
Figure 9. SNR vs. Temperature
TEMPERATURE - °C
-50
-15
150
60
-150
0
V DD1 = 4.5 V
100
-40
85
10
35
V DD1 = 5.0 V
V DD1 = 5.5 V
-100
50
TEMPERATURE - °C
0
-15
0.8
60
-0.4
0.2
V DD1 = 4.5 V
0.6
-40
85
10
35
V DD1 = 5.0 V
V DD1 = 5.5 V
-0.2
0.4
TEMPERATURE - °C
64
62
-15
68
60
61
65
V DD1 = 4.5 V
67
-40
85
10
35
V DD1 = 5.0 V
V DD1 = 5.5 V
63
66
CONVERSION MODE #
60
2
80
4
45
70
5
75
55
50
65
3
1
CONVERSION MODE #
11
2
14
3
8
12
1
13
10
9
45
CONVERSION MODE #
100
80
2
200
3
0
140
PRE-TRIGGER MODE 2
180
1
160
120
60
40
20
PRE-TRIGGER MODE 0
PRE-TRIGGER MODE 1
45


유사한 부품 번호 - HCPL-7860

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7860 HP-HCPL-7860 Datasheet
346Kb / 28P
   Isolated 15-bit A/D Converter
HCPL-7860 HP-HCPL-7860 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7860-300 HP-HCPL-7860-300 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
More results

유사한 설명 - HCPL-7860

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
logo
Burr-Brown (TI)
ISO809 BURR-BROWN-ISO809 Datasheet
111Kb / 7P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com