전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25PF020B-80-4C-Q3AE-T 데이터시트(PDF) 11 Page - Microchip Technology

부품명 SST25PF020B-80-4C-Q3AE-T
상세설명  2 Mbit 2.3-3.6V SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF020B-80-4C-Q3AE-T 데이터시트(HTML) 11 Page - Microchip Technology

Back Button SST25PF020B-80-4C-Q3AE-T Datasheet HTML 7Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 8Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 9Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 10Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 11Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 12Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 13Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 14Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
 2012 Microchip Technology Inc.
DS25135A-page 11
SST25PF020B
4.5.6
HARDWARE END-OF-WRITE DETECTION
The Hardware End-of-Write detection method elimi-
nates the overhead of polling the Busy bit in the Soft-
ware Status Register during an AAI Word program
operation. The 8-bit command, 70H, configures the
Serial Output (SO) pin to indicate Flash Busy status
during AAI Word programming. (see Figure 4-6) The 8-
bit command, 70H, must be executed prior to initiating
an AAI Word-Program instruction. Once an internal
programming operation begins, asserting CE# will
immediately drive the status of the internal flash status
on the SO pin. A ‘0’ indicates the device is busy and a
‘1’ indicates the device is ready for the next instruction.
De-asserting CE# will return the SO pin to tri-state.
While in AAI and Hardware End-of-Write detection
mode, the only valid instructions are AAI Word (ADH)
and WRDI (04H).
To exit AAI Hardware End-of-Write detection, first exe-
cute WRDI instruction, 04H, to reset the Write-Enable-
Latch bit (WEL=0) and AAI bit. Then execute the 8-bit
DBSY command, 80H, to disable RY/BY# status during
the AAI command. See Figures 4-7 and 4-8.
FIGURE 4-6:
ENABLE SO AS HARDWARE RY/BY# DURING AAI PROGRAMMING
FIGURE 4-7:
DISABLE SO AS HARDWARE RY/BY# DURING AAI PROGRAMMING
CE#
SO
SI
SCK
01 2 3 4 5 6 7
70
HIGH IMPEDANCE
MODE 0
MODE 3
25135 EnableSO.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
80
HIGH IMPEDANCE
MODE 0
MODE 3
25135 DisableSO.0
MSB


유사한 부품 번호 - SST25PF020B-80-4C-Q3AE-T

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25PF020B-80-4C-Q3AE-T MICROCHIP-SST25PF020B-80-4C-Q3AE-T Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
More results

유사한 설명 - SST25PF020B-80-4C-Q3AE-T

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
   4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
   2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com