전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT16245 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74ABT16245
상세설명  16-Bit Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16245 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  74ABT16245 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Loading
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
FIGURE 2. Input Pulse Requirements
FIGURE 3. Test Input Signal Requirements
AC Waveforms
FIGURE 4. 3-STATE Output HIGH
and LOW Enable and Disable Times
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
FIGURE 6. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns


유사한 부품 번호 - 74ABT16245

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
362Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGVRE4 TI-74ABT16245ADGVRE4 Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGVRE4 TI-74ABT16245ADGVRE4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ABT16245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com