전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT240CSJ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74ABT240CSJ
상세설명  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT240CSJ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74ABT240CSJ Datasheet HTML 1Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 2Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 3Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 4Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 5Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 6Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 7Page - Fairchild Semiconductor 74ABT240CSJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Loading
*Includes jig and probe capacitance
Standard AC Test Load
Test Input Signal Levels
Test Input Signal Requirements
AC Waveforms
Propagation Delay,
Pulse Width Waveforms
3-STATE Output HIGH
and LOW Enable and Disable Times
Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
Setup Time, Hold Time
and Recovery Time Waveforms
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns


유사한 부품 번호 - 74ABT240CSJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT240 PHILIPS-74ABT240 Datasheet
71Kb / 5P
   Octal inverting buffer 3-State
1996 Sep 10
74ABT240D PHILIPS-74ABT240D Datasheet
71Kb / 5P
   Octal inverting buffer 3-State
1996 Sep 10
74ABT240DB PHILIPS-74ABT240DB Datasheet
71Kb / 5P
   Octal inverting buffer 3-State
1996 Sep 10
74ABT240N PHILIPS-74ABT240N Datasheet
71Kb / 5P
   Octal inverting buffer 3-State
1996 Sep 10
74ABT240PW PHILIPS-74ABT240PW Datasheet
71Kb / 5P
   Octal inverting buffer 3-State
1996 Sep 10
More results

유사한 설명 - 74ABT240CSJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com