전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT245CMSA 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74ABT245CMSA
상세설명  Octal Bi-Directional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT245CMSA 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ABT245CMSA Datasheet HTML 3Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 4Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 5Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 6Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 7Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 8Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 9Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 10Page - Fairchild Semiconductor 74ABT245CMSA Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package Number M20B


유사한 부품 번호 - 74ABT245CMSA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT245CMSA FAIRCHILD-74ABT245CMSA Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
More results

유사한 설명 - 74ABT245CMSA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC245 RENESAS-HD74AC245 Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com