전자부품 데이터시트 검색엔진 |
|
4N28.300 데이터시트(PDF) 9 Page - Fairchild Semiconductor |
|
4N28.300 데이터시트(HTML) 9 Page - Fairchild Semiconductor |
9 / 15 page 6/15/05 Page 9 of 15 © 2005 Fairchild Semiconductor Corporation GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 Fig. 19 Dark Current vs. Ambient Temperature TA - AMBIENT TEMPERATURE (°C) 020 40 6080 100 0.001 0.01 0.1 1 10 100 1000 10000 VCE = 10 V TA = 25°C OUTPUT PULSE INPUT PULSE TEST CIRCUIT WAVE FORMS tr tf INPUT IF RL RBE VCC = 10V OUTPUT ton 10% 90% toff Figure 20. Switching Time Test Circuit and Waveforms IC Adjust IF to produce IC = 2 mA |
유사한 부품 번호 - 4N28.300 |
|
유사한 설명 - 4N28.300 |