전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC151MTC 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74AC151MTC
상세설명  8-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC151MTC 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74AC151MTC Datasheet HTML 1Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 2Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC151MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.5
12.5
15.5
3.0
17.0
ns
Sn to Z
tPHL
Propagation Delay
5.0
3.5
12.5
15.5
3.0
16.5
ns
Sn to Z
tPLH
Propagation Delay
5.0
3.5
12.5
15.0
3.0
16.5
ns
Sn to Z
tPHL
Propagation Delay
5.0
4.0
12.5
16.5
3.5
18.5
ns
Sn to Z
tPLH
Propagation Delay
5.0
2.5
6.0
9.5
2.5
10.0
ns
E to Z
tPHL
Propagation Delay
5.0
2.5
6.0
9.0
2.5
10.0
ns
E to Z
tPLH
Propagation Delay
5.0
2.5
6.0
8.5
2.5
9.5
ns
E to Z
tPHL
Propagation Delay
5.0
3.0
6.5
10.0
2.5
10.5
ns
E to Z
tPLH
Propagation Delay
5.0
3.5
7.5
11.5
3.0
12.5
ns
In to Z
tPHL
Propagation Delay
5.0
3.5
8.0
12.0
3.0
13.5
ns
In to Z
tPLH
Propagation Delay
5.0
3.5
8.0
12.0
3.0
13.0
ns
In to Z
tPHL
Propagation Delay
5.0
4.0
8.0
12.5
3.0
14.0
ns
In to Z
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
70.0
pF
VCC = 5.0V


유사한 부품 번호 - 74AC151MTC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74AC151 ONSEMI-74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
More results

유사한 설명 - 74AC151MTC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com