전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC251 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74AC251
상세설명  8-Input Multiplexer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC251 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74AC251 Datasheet HTML 1Page - Fairchild Semiconductor 74AC251 Datasheet HTML 2Page - Fairchild Semiconductor 74AC251 Datasheet HTML 3Page - Fairchild Semiconductor 74AC251 Datasheet HTML 4Page - Fairchild Semiconductor 74AC251 Datasheet HTML 5Page - Fairchild Semiconductor 74AC251 Datasheet HTML 6Page - Fairchild Semiconductor 74AC251 Datasheet HTML 7Page - Fairchild Semiconductor 74AC251 Datasheet HTML 8Page - Fairchild Semiconductor 74AC251 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
±0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.5
7.0
15.5
2.0
17.0
ns
Sn to Z or Z
tPHL
Propagation Delay
5.0
2.5
7.5
16.5
2.5
18.5
ns
Sn to Z or Z
tPLH
Propagation Delay
5.0
2.5
5.5
12.0
2.0
13.0
ns
In to Z or Z
tPHL
Propagation Delay
5.0
2.5
6.5
12.5
2.5
14.0
ns
In to Z or Z
tPZH
Output Enable Time
5.0
1.5
5.0
8.5
1.5
9.0
ns
OE to Z or Z
tPZL
Output Enable Time
5.0
1.5
4.5
8.5
1.5
9.5
ns
OE to Z or Z
tPHZ
Output Disable Time
5.0
2.0
6.0
12.0
2.0
13.0
ns
OE to Z or Z
tPLZ
Output Disable Time
5.0
1.5
4.5
8.5
1.5
9.0
ns
OE to Z or Z
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
70.0
pF
VCC = 5.0V


유사한 부품 번호 - 74AC251

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC251 FAIRCHILD-74AC251 Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251MTC FAIRCHILD-74AC251MTC Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251PC FAIRCHILD-74AC251PC Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251SC FAIRCHILD-74AC251SC Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251SJ FAIRCHILD-74AC251SJ Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
More results

유사한 설명 - 74AC251

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com