전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT253SJ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ACT253SJ
상세설명  Dual 4-Input Multiplexer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT253SJ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ACT253SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT253SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009946
www.fairchildsemi.com
November 1988
Revised November 1999
74AC253 • 74ACT253
Dual 4-Input Multiplexer with 3-STATE Outputs
General Description
The AC/ACT253 is a dual 4-input multiplexer with 3-STATE
outputs. It can select two bits of data from four sources
using common select inputs. The outputs may be individu-
ally switched to a high impedance state with a HIGH on the
respective Output Enable (OE) inputs, allowing the outputs
to interface directly with bus oriented systems.
Features
s ICC and IOZ reduced by 50%
s Multifunction capability
s Noninverting 3-STATE outputs
s Outputs source/sink 24 mA
s ACT253 has TTL-compatible inputs
Ordering Code:
Device also available Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagrams
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC253SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74AC253SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC253PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT253SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74ACT253SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT253PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
I0a–I3a
Side A Data Inputs
I0b–I3b
Side B Data Inputs
S0, S1
Common Select Inputs
OEa
Side A Output Enable Input
OEb
Side B Output Enable Input
Za, Zb
3-STATE Outputs


유사한 부품 번호 - 74ACT253SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT253SJ FAIRCHILD-74ACT253SJ Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74ACT253SJ FAIRCHILD-74ACT253SJ Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results

유사한 설명 - 74ACT253SJ

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com