전자부품 데이터시트 검색엔진 |
|
74AC299PC 데이터시트(PDF) 4 Page - Fairchild Semiconductor |
|
74AC299PC 데이터시트(HTML) 4 Page - Fairchild Semiconductor |
4 / 11 page www.fairchildsemi.com 4 Absolute Maximum Ratings(Note 2) Recommended Operating Conditions Note 2: Absolute maximum ratings are those values beyond which damage to the device may occur. Obviously the databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT ¥ circuits outside databook specifi- cations. DC Electrical Characteristics for AC Supply Voltage (VCC) 0.5V to 7.0V DC Input Diode Current (IIK) VI 0.5V 20 mA VI VCC 0.5V 20 mA DC Input Voltage (VI) 0.5V to VCC 0.5V DC Output Diode Current (IOK) VO 0.5V 20 mA VO VCC 0.5V 20 mA DC Output Voltage (VO) 0.5V to VCC 0.5V DC Output Source or Sink Current (IO) r 50 mA DC VCC or Ground Current Per Output Pin (ICC or IGND) r 50 mA Storage Temperature (TSTG) 65qC to 150qC Junction Temperature (TJ) (PDIP) 140 qC Supply Voltage (VCC) (Unless Otherwise Specified) AC 2.0V to 6.0V ACT 4.5V to 5.0V Input Voltage (VI) 0V to VCC Output Voltage (VO) 0V to VCC Operating Temperature (TA) 40qC to 85qC Minimum Input Edge Rate ( 'V/'t) AC Devices VIN from 30% to 70% of VCC VCC @ 3.3V, 4.5V, 5.5V 125 mV/ns Minimum Input Edge Rate ( 'V/'t) ACT Devices VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 125 mV/ns Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions (V) Typ Guaranteed Limits VIH Minimum HIGH Level 3.0 1.5 2.1 2.1 VOUT 0.1V Input Voltage 4.5 2.25 3.15 3.15 V or VCC 0.1V 5.5 2.75 3.85 3.85 VIL Maximum LOW Level 3.0 1.5 0.9 0.9 VOUT 0.1V Input Voltage 4.5 2.25 1.35 1.35 V or VCC 0.1V 5.5 2.75 1.65 1.65 VOH Minimum HIGH Level 3.0 2.99 2.9 2.9 Output Voltage 4.5 4.49 4.4 4.4 V IOUT 50 PA 5.5 5.49 5.4 5.4 VIN VIL or VIH 3.0 2.56 2.46 V IOH 12 mA 4.5 3.86 3.76 IOH 24 mA 5.5 4.86 4.76 IOH 24 mA (Note 3) VOL Maximum LOW Level 3.0 0.002 0.1 0.1 Output Voltage 4.5 0.001 0.1 0.1 V IOUT 50 PA 5.5 0.001 0.1 0.1 VIN VIL or VIH 3.0 0.36 0.44 IOH 12 mA 4.5 0.36 0.44 V IOH 24 mA 5.5 0.36 0.44 IOH 24 mA (Note 3) IIN Maximum Input 5.5 r 0.1 r 1.0 PA VI VCC, GND (Note 5) Leakage Current IOLD Minimum Dynamic 5.5 86 mA VOLD 1.65V Max IOHD Output Current (Note 4) 75 mA VOHD 3.85V Min ICC (Note 5) Maximum Quiescent 5.5 4.0 40.0 PA VIN VCC or GND Supply Current |
유사한 부품 번호 - 74AC299PC |
|
유사한 설명 - 74AC299PC |