전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC574PC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74AC574PC
상세설명  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC574PC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74AC574PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC574PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = 25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
5.5
5.49
5.4
5.4
VIN = VILor VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VILor VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
±0.25
±2.5
µA
VI = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
I]OLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
75
112
60
MHz
Frequency
5.0
95
153
85
tPLH
Propagation Delay
3.3
3.5
8.5
13.5
3.5
15.0
ns
CP to On
5.0
2.0
6.0
9.5
2.0
11.0
tPHL
Propagation Delay
3.3
3.5
7.5
12.0
3.5
13.5
ns
CP to On
5.0
2.0
5.5
8.5
2.0
9.5
tPZH
Output Enable Time
3.3
2.5
7.0
11.0
2.5
12.0
ns
5.0
2.0
5.0
8.5
2.0
9.0
tPZL
Output Enable Time
3.3
3.0
6.5
10.5
3.0
11.5
ns
5.0
2.0
5.0
8.0
1.5
9.0
tPHZ
Output Disable Time
3.3
3.5
7.5
12.0
2.5
13.0
ns
5.0
2.0
6.0
9.5
1.5
10.5
tPLZ
Output Disable Time
3.3
2.0
5.5
9.0
1.5
10.0
ns
5.0
1.0
4.5
7.5
1.0
8.5


유사한 부품 번호 - 74AC574PC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC574PC FAIRCHILD-74AC574PC Datasheet
115Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574PC FAIRCHILD-74AC574PC Datasheet
116Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

유사한 설명 - 74AC574PC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com