전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACQ574SC 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74ACQ574SC
상세설명  Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ574SC 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74ACQ574SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ574SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
 circuits outside databook specifications.
DC Electrical Characteristics for ACQ
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±300 mA
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
ACQ
2.0V to 6.0V
ACTQ
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate
∆V/∆t
ACQ Devices
VIN from 30% to 70% of VCC
VCC @ 3.0V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate
∆V/∆t
ACTQ Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT = 0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC − 0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT = 0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC − 0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
5.5
5.49
5.4
5.4
VIN = VIL or VIH
3.0
2.56
2.46
IOH = −12 mA
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 2)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
5.5
0.001
0.1
0.1
VIN = VIL or VIH
3.0
0.36
0.44
IOL = 12 mA
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
(Note 4)
Leakage Current
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
(Note 4)
Supply Current
or GND
IOZ
Maximum 3-STATE
VI (OE) = VIL, VIH
Leakage Current
5.5
±0.25
±2.5
µAV
I = VCC, GND
VO = VCC, GND


유사한 부품 번호 - 74ACQ574SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ574SC FAIRCHILD-74ACQ574SC Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results

유사한 설명 - 74ACQ574SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com