전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N35SR2V-M 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 4N35SR2V-M
상세설명  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N35SR2V-M 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button 4N35SR2V-M Datasheet HTML 5Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 6Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 7Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 8Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 9Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 10Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 11Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 12Page - Fairchild Semiconductor 4N35SR2V-M Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
6/15/05
Page 9 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
Fig. 19 Dark Current vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
020
40
6080
100
0.001
0.01
0.1
1
10
100
1000
10000
VCE = 10 V
TA = 25°C
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
tr
tf
INPUT
IF
RL
RBE
VCC = 10V
OUTPUT
ton
10%
90%
toff
Figure 20. Switching Time Test Circuit and Waveforms
IC
Adjust IF to produce IC = 2 mA


유사한 부품 번호 - 4N35SR2V-M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N35SR2V FAIRCHILD-4N35SR2V Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
4N35SR2V ONSEMI-4N35SR2V Datasheet
545Kb / 10P
   6-Pin General Purpose Phototransistor Optocouplers
September, 2022 - Rev. P0
More results

유사한 설명 - 4N35SR2V-M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com