전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD608ARZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD608ARZ
상세설명  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD608ARZ 데이터시트(HTML) 5 Page - Analog Devices

  AD608ARZ Datasheet HTML 1Page - Analog Devices AD608ARZ Datasheet HTML 2Page - Analog Devices AD608ARZ Datasheet HTML 3Page - Analog Devices AD608ARZ Datasheet HTML 4Page - Analog Devices AD608ARZ Datasheet HTML 5Page - Analog Devices AD608ARZ Datasheet HTML 6Page - Analog Devices AD608ARZ Datasheet HTML 7Page - Analog Devices AD608ARZ Datasheet HTML 8Page - Analog Devices AD608ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD608
Rev. C | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VPS1
COM1
PRUP
LMOP
RFHI
RFLO
MXOP
COM3
RSSI
IFLO
LOHI
COM2
VPS2
FDBK
IFHI
VMID
1
2
3
4
16
15
14
13
5
12
6
11
7
10
8
9
AD608
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPS11
Positive Supply Input
2
COM1
Common
3
LOHI
Local Oscillator Input Connection
4
COM2
Common
5
RFHI
RF Input, Noninverting
6
RFLO
RF Input, Inverting
7
MXOP
Mixer Output
8
VMID
Midpoint Supply Bias Output
9
IFHI
IF Input, Noninverting
10
IFLO
IF Input, Inverting
11
RSSI
Received Signal Strength Indicator Output
12
COM3
Output Common
13
FDBK
Offset-Null Feedback Loop Output
14
VPS21
Limiter Positive Supply Input
15
LMOP
Limiter Output
16
PRUP
Power-Up
1 VPOS is used to refer collectively to the VPS1 and VPS2 pins in this data sheet.


유사한 부품 번호 - AD608ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD608AR AD-AD608AR Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
More results

유사한 설명 - AD608ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
AD608 AD-AD608_15 Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607 Datasheet
510Kb / 24P
   Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
   Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com