전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5263BRU200 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5263BRU200
상세설명  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5263BRU200 데이터시트(HTML) 5 Page - Analog Devices

  AD5263BRU200 Datasheet HTML 1Page - Analog Devices AD5263BRU200 Datasheet HTML 2Page - Analog Devices AD5263BRU200 Datasheet HTML 3Page - Analog Devices AD5263BRU200 Datasheet HTML 4Page - Analog Devices AD5263BRU200 Datasheet HTML 5Page - Analog Devices AD5263BRU200 Datasheet HTML 6Page - Analog Devices AD5263BRU200 Datasheet HTML 7Page - Analog Devices AD5263BRU200 Datasheet HTML 8Page - Analog Devices AD5263BRU200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5263
Rev. F | Page 5 of 28
TIMING CHARACTERISTICS—20 kΩ, 50 kΩ, 200 kΩ VERSIONS
VDD = +5 V, VSS = –5 V, VL = +5 V, VA = +VDD, VB = 0 V, –40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS
Specifications apply to all parts2, 3
Clock Frequency
f
CLK
25
MHz
Input Clock Pulse Width
t
CH, tCL
Clock level high or low
20
ns
Data Setup Time
t
DS
10
ns
Data Hold Time
t
DH
10
ns
CS Setup Time
t
CSS
15
ns
CS High Pulse Width
t
CSW
20
ns
CLK Fall to CS Fall Hold Time
t
CSH0
0
ns
CLK Fall to CS Rise Hold Time
t
CSH1
0
ns
CS Rise to Clock Rise Setup
t
CS1
10
ns
Reset Pulse Width
t
RS
5
ns
I2C INTERFACE TIMING CHARACTERISTICS
Specifications apply to all parts2, 3
SCL Clock Frequency
f
SCL
400
kHz
t
BUF Bus Free Time Between Stop and Start
t
1
1.3
µs
t
HD;STA Hold Time (Repeated Start)
t
2
After this period, the first clock
pulse is generated.
0.6
µs
t
LOW Low Period of SCL Clock
t
3
1.3
µs
t
HIGH High Period of SCL Clock
t
4
0.6
50
µs
t
SU;STA Setup Time for Start Condition
t
5
0.6
µs
t
HD;DAT Data Hold Time
t
6
0.9
µs
t
SU;DAT Data Setup Time
t
7
100
ns
t
F Fall Time of Both SDA and SCL Signals
t
8
300
ns
t
R Rise Time of Both SDA and SCL Signals
t
9
300
ns
t
SU;STO Setup Time for Stop Condition
t
10
0.6
µs
1 Typicals represent average readings at +25°C and V
DD = +5 V, VSS = −5 V
2 Guaranteed by design and not subject to production test.
3 See timing diagrams for location of measured values. All input control voltages are specified with t
R = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level
of 1.5 V. Switching characteristics are measured using VL = 5 V.


유사한 부품 번호 - AD5263BRU200

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5263BRU200 AD-AD5263BRU200 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200-REEL7 AD-AD5263BRU200-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
More results

유사한 설명 - AD5263BRU200

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com