전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5263BRUZ200 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5263BRUZ200
상세설명  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ200 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5263BRUZ200 Datasheet HTML 6Page - Analog Devices AD5263BRUZ200 Datasheet HTML 7Page - Analog Devices AD5263BRUZ200 Datasheet HTML 8Page - Analog Devices AD5263BRUZ200 Datasheet HTML 9Page - Analog Devices AD5263BRUZ200 Datasheet HTML 10Page - Analog Devices AD5263BRUZ200 Datasheet HTML 11Page - Analog Devices AD5263BRUZ200 Datasheet HTML 12Page - Analog Devices AD5263BRUZ200 Datasheet HTML 13Page - Analog Devices AD5263BRUZ200 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 10 of 28
27
26
25
24
22
23
–40
0
40
80
120
TEMPERATURE (°C)
VDD/VSS = +15/0V
VDD/VSS = ±5V
Figure 15. ILOGIC vs. Temperature
RON @ VDD/VSS = +5/0V
RON @ VDD/VSS = ±5V
RON @ VDD/VSS = +15/0V
–5
0
5
10
15
VBIAS (V)
45
75
50
60
70
85
80
65
55
Figure 16. Wiper On-Resistance vs. Bias Voltage
–700
32
300
–500
–100
100
64
96
128
0
700
500
–300
160
192
224
256
CODE (Decimal)
20kΩ
50kΩ
200kΩ
Figure 17. Rheostat Mode Tempco ∆RWB/∆T vs. Code
–250
32
0
–200
–100
–50
64
96
128
0
150
50
100
–150
160
192
224
256
CODE (Decimal)
20kΩ
50kΩ
200kΩ
Figure 18. Potentiometer Mode Tempco ∆RWB/∆T vs. Code
1M
–60
0
100k
10k
–42
–30
–6
1k
–12
–18
–24
–36
–48
–54
0x01
0x02
0x80
0x40
0x20
0x04
0x08
0x10
TA = 25°C
VA = 50mV rms
VDD/VSS = ±5V
FREQUENCY (Hz)
Figure 19. Gain vs. Frequency vs. Code; RAB = 20 kΩ
1M
–60
0
100k
10k
–42
–30
–6
1k
–12
–18
–24
–36
–48
–54
0x01
0x02
0x80
0x40
0x20
0x04
0x08
0x10
TA = 25°C
VA = 50mV rms
VDD/VSS = ±5V
FREQUENCY (Hz)
Figure 20. Gain vs. Frequency vs. Code; RAB = 50 kΩ


유사한 부품 번호 - AD5263BRUZ200

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU20-REEL7 AD-AD5263BRU20-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200 AD-AD5263BRU200 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200-REEL7 AD-AD5263BRU200-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU50 AD-AD5263BRU50 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
More results

유사한 설명 - AD5263BRUZ200

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com