전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5262BRUZ50 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD5262BRUZ50
상세설명  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ50 데이터시트(HTML) 2 Page - Analog Devices

  AD5262BRUZ50 Datasheet HTML 1Page - Analog Devices AD5262BRUZ50 Datasheet HTML 2Page - Analog Devices AD5262BRUZ50 Datasheet HTML 3Page - Analog Devices AD5262BRUZ50 Datasheet HTML 4Page - Analog Devices AD5262BRUZ50 Datasheet HTML 5Page - Analog Devices AD5262BRUZ50 Datasheet HTML 6Page - Analog Devices AD5262BRUZ50 Datasheet HTML 7Page - Analog Devices AD5262BRUZ50 Datasheet HTML 8Page - Analog Devices AD5262BRUZ50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5260/AD5262
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—20 kΩ, 50 kΩ, 200 kΩ Versions .. 3
 
Timing Diagrams.......................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ............................................. 9
 
Test Circuits..................................................................................... 14
 
Theory of Operation ...................................................................... 15
 
Digital Interfacing ...................................................................... 15
 
Daisy-Chain Operation ............................................................. 16
 
RDAC Structure.......................................................................... 16
 
Programming the Variable Resistor......................................... 16
 
Programming the Potentiometer Divider ............................... 17
 
Layout and Power Supply Bypassing ....................................... 18
 
Terminal Voltage Operating Range ......................................... 18
 
Power-Up Sequence ................................................................... 18
 
RDAC Circuit Simulation Model............................................. 18
 
Macro Model Net List for RDAC ............................................. 18
 
Applications Information .............................................................. 19
 
Bipolar DC or AC Operation from Dual Supplies................. 19
 
Gain Control Compensation .................................................... 19
 
Programmable Voltage Reference ............................................ 19
 
8-Bit Bipolar DAC ...................................................................... 19
 
Bipolar Programmable Gain Amplifier................................... 20
 
Programmable Voltage Source with Boosted Output ........... 20
 
Programmable 4 mA-to-20 mA Current Source ................... 20
 
Programmable Bidirectional Current Source......................... 21
 
Programmable Low-Pass Filter ................................................ 21
 
Programmable Oscillator .......................................................... 21
 
Resistance Scaling ...................................................................... 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
8/10—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Deleted Figure 1; Renumbered Sequentially................................. 1
Changes to General Description Section ...................................... 1
Changes to Conditions of Channel Resistance Matching
(AD5262 only) Parameter, Voltage Divider Temperature
Coefficient Parameter, Full-Scale Error Parameter, and Zero-
Scale Error Parameter, Table 1 ........................................................ 3
Changes to Table 2 and Table 3....................................................... 5
Changes to Table 4............................................................................ 6
Changes to Table 5............................................................................ 7
Changes to Table 6............................................................................ 8
Changes to Figure 11 Caption and Figure 12 ................................9
Changes to Figure 31...................................................................... 12
Changes to Figure 35 Caption ...................................................... 13
Changes to Figure 43 and Figure 46............................................. 14
Deleted Potentiometer Family Selection Guide ......................... 18
Change to Programmable Voltage Source with Boosted Output
Section.............................................................................................. 20
Changes to Figure 64...................................................................... 21
Updated Outline Dimensions....................................................... 23
Changes to Ordering Guide .......................................................... 24
3/02—Revision 0: Initial Version


유사한 부품 번호 - AD5262BRUZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

유사한 설명 - AD5262BRUZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com