전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT715SC 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74ACT715SC
상세설명  Programmable Video Sync Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715SC 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT715SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715SC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.fairchildsemi.com
6
Addressing Logic
The register addressing logic is composed of two blocks of
logic. The first is the address register and counter
(ADDRCNTR), and the second is the address decode
(ADDRDEC).
ADDRCNTR LOGIC
Addresses for the data registers can be generated by one
of two methods. Manual addressing requires that each byte
of each register that needs to be loaded needs to be
addressed. To load both bytes of all 19 registers would
require a total of 57 load cycles (19 address and 38 data
cycles). Auto Addressing requires that only the initial regis-
ter value be specified. The Auto Load sequence would
require only 39 load cycles to completely program all regis-
ters (1 address and 38 data cycles). In the auto load
sequence the low order byte of the data register will be
written first followed by the high order byte on the next load
cycle. At the time the High Byte is written the address
counter is incremented by 1. The counter has been imple-
mented to loop on the initial value loaded into the address
register. For example: If a value of 0 was written into the
address register then the counter would count from 0 to 18
before resetting back to 0. If a value of 15 was written into
the address register then the counter would count from 15
to 18 before looping back to 15. If a value greater than or
equal to 18 is placed into the address register the counter
will continuously loop on this value. Auto addressing is initi-
ated on the falling edge of LOAD when ADDRDATA is 0
and LHBYTE is 1. Incrementing and loading of data regis-
ters will not commence until the falling edge of LOAD after
ADDRDATA goes to 1. The next rising edge of LOAD will
load the first byte of data. Auto Incrementing is disabled on
the falling edge of LOAD after ADDRDATA and LHBYTE
goes low.
Manual Addressing Mode
Auto Addressing Mode
Cycle #
Load Falling Edge
Load Rising Edge
1
Enable Manual Addressing
Load Address m
2
Enable Lbyte Data Load
Load Lbyte m
3
Enable Hbyte Data Load
Load Hbyte m
4
Enable Manual Addressing
Load Address n
5
Enable Lbyte Data Load
Load Lbyte n
6
Enable Hbyte Data Load
Load Hbyte n
Cycle #
Load Falling Edge
Load Rising Edge
1
Enable Auto Addressing
Load Start Address n
2
Enable Lbyte Data Load
Load Lbyte (n)
3
Enable Hbyte Data Load
Load Hbyte (n); Inc Counter
4
Enable Lbyte Data Load
Load Lbyte (n
+1)
5
Enable Hbyte Data Load
Load Hbyte (n
+1); Inc Counter
6
Enable Manual Addressing
Load Address


유사한 부품 번호 - 74ACT715SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT715SC FAIRCHILD-74ACT715SC Datasheet
429Kb / 18P
   Programmable Video Sync Generator
74ACT715SC FAIRCHILD-74ACT715SC Datasheet
451Kb / 18P
   Programmable Video Sync Generator
More results

유사한 설명 - 74ACT715SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
   Sync Generator for TV Applications and Video Processing Systems
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
NXP Semiconductors
SAA1101 PHILIPS-SAA1101 Datasheet
112Kb / 18P
   Universal sync generator USG
January 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com