전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT818SPC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ACT818SPC
상세설명  8-Bit Diagnostic Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT818SPC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ACT818SPC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT818SPC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT818SPC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT818SPC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT818SPC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT818SPC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009801
www.fairchildsemi.com
July 1988
Revised September 2000
74ACT818
8-Bit Diagnostic Register
General Description
The ACT818 is a high-speed, general-purpose pipeline
register with an on-board diagnostic register for performing
serial diagnostics and/or writable control store loading.
The D-to-Y path provides an 8-bit parallel data path pipe-
line register for normal system operation. The diagnostic
register can load parallel data to or from the pipeline regis-
ter and can output data through the D input port (as in
WCS loading).
The 8-bit diagnostic register has multiplexer inputs that
select parallel inputs from the Y-port or adjacent bits in the
diagnostic register to operate as a right-shift-only register.
This register can then participate in a serial loop throughout
the system where normal data, address, status and control
registers are replaced with ACT818 diagnostic pipeline reg-
isters. The loop can be used to scan in a complete test rou-
tine starting point (Data, Address, etc.). Then after a
specified number of machine cycles it scans out the results
to be inspected for the expected results. WCS loading can
be accomplished using the same technique. An instruction
word can be serially shifted into the shadow register and
written into the WCS RAM by enabling the D output.
Features
s On-line and off-line system diagnostics
s Swaps the contents of diagnostic register and output
register
s Diagnostic register and diagnostic testing
s Cascadable for wide control words as used in micropro-
gramming
s Edge-triggered D registers
s Outputs source/sink 24 mA
s ACT818 has TTL-compatible inputs
s ACT818 is functionally- and pin-compatible to AMD
Am29818 and MMI 74S818
Applications
• Register for microprogram control store
• Status register
• Data register
• Instruction register
• Interrupt mask register
• Pipeline register
• General purpose register
• Parallel-serial/serial-parallel converter
Ordering Code:
Logic Symbol
Connection Diagram
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Order Package
Package Description
74ACT818SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


유사한 부품 번호 - 74ACT818SPC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT821 FAIRCHILD-74ACT821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74ACT823 NSC-74ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCQB NSC-74ACT823FCQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
74ACT823FCQR NSC-74ACT823FCQR Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
More results

유사한 설명 - 74ACT818SPC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT818 NSC-54ACT818 Datasheet
151Kb / 10P
   8-Bit Diagnostic Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com