전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC164245 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 54AC164245
상세설명  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC164245 데이터시트(HTML) 5 Page - STMicroelectronics

  54AC164245 Datasheet HTML 1Page - STMicroelectronics 54AC164245 Datasheet HTML 2Page - STMicroelectronics 54AC164245 Datasheet HTML 3Page - STMicroelectronics 54AC164245 Datasheet HTML 4Page - STMicroelectronics 54AC164245 Datasheet HTML 5Page - STMicroelectronics 54AC164245 Datasheet HTML 6Page - STMicroelectronics 54AC164245 Datasheet HTML 7Page - STMicroelectronics 54AC164245 Datasheet HTML 8Page - STMicroelectronics 54AC164245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
54AC164245
Absolute maximum ratings and operating conditions
Doc ID 18093 Rev 2
5/22
2
Absolute maximum ratings and operating conditions
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4.
Absolute maximum ratings (1) (2) (3)
1.
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended
operation at the maximum levels may degrade performance and affect reliability.
2.
Unless otherwise noted, all voltages are referenced to
VSS.
3.
The limits for the parameters specified herein shall apply over the full specified VDD range and case
temperature range of -55°C to +125°C.
Symbol
Parameter
Value
Unit
VDD1
5 V supply voltage (4)
4.
VDD1 (5 V) may remain disconnected.
-0.3 to +6.0
V
VDD2
3 V supply voltage
-0.3 to +6.0
V
VIA
DC input voltage range port A
-0.3 to VDD1+0.3 V
V
VIB
DC input voltage range port B
-0.3 to VDD1+0.3 V
V
VOA
DC output voltage range port A
-0.3 to VDD1+0.3 V
V
VOB
DC output voltage range port B
-0.3 to VDD1+0.3 V
V
IIA
DC input currents port A, anyone input
± 10
mA
IIB
DC input currents port B, anyone input
± 10
mA
Tstg
Storage temperature range
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
TJ
Junction temperature range
175
°C
Rthja
Thermal resistance junction to ambient (5)
Flat package, 48 pins
5.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
TBD
°C/W
Rthjc
Thermal resistance junction to case(5)
Flat package, 48 pins
TBD
°C/W
ESD
HBM: human body model(6)
6.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV


유사한 부품 번호 - 54AC164245

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC16472 TI1-54AC16472 Datasheet
163Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANS CIEVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 54AC164245

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
logo
Texas Instruments
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com