전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMSF5N02HD 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 MMSF5N02HD
상세설명  SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5N02HD 데이터시트(HTML) 6 Page - Motorola, Inc

Back Button MMSF5N02HD Datasheet HTML 2Page - Motorola, Inc MMSF5N02HD Datasheet HTML 3Page - Motorola, Inc MMSF5N02HD Datasheet HTML 4Page - Motorola, Inc MMSF5N02HD Datasheet HTML 5Page - Motorola, Inc MMSF5N02HD Datasheet HTML 6Page - Motorola, Inc MMSF5N02HD Datasheet HTML 7Page - Motorola, Inc MMSF5N02HD Datasheet HTML 8Page - Motorola, Inc MMSF5N02HD Datasheet HTML 9Page - Motorola, Inc MMSF5N02HD Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMSF5N02HD
6
Motorola TMOS Power MOSFET Transistor Device Data
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance – Gen-
eral Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded, and that the transition
time (tr, tf) does not exceed 10 µs. In addition the total power
averaged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and must be adjusted for operating conditions
differing from those specified. Although industry practice is to
rate in terms of energy, avalanche energy capability is not a
constant. The energy rating decreases non–linearly with an
increase of peak current in avalanche and peak junction tem-
perature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 13). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
– 25
25
50
75
100
125
75
ID = 15 A
175
150
675
275
375
475
575
0.1
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
1
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
VGS = 10 V
SINGLE PULSE
TC = 25°C
10
0.1
dc
10 ms
1
100
100
Mounted on 2” sq. FR4 board (1” sq. 2 oz. Cu 0.06”
thick single sided), 10s max.
1 ms
100
µs


유사한 부품 번호 - MMSF5N02HD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
MMSF5N02HDR2 ONSEMI-MMSF5N02HDR2 Datasheet
269Kb / 10P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
More results

유사한 설명 - MMSF5N02HD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
   DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
   SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MMSF5P02HD MOTOROLA-MMSF5P02HD Datasheet
208Kb / 12P
   SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
MMSF10N02Z MOTOROLA-MMSF10N02Z Datasheet
184Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
   SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
   TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
   DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com