전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ16541 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74ACTQ16541
상세설명  16-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16541 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ16541 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V.
Extended AC Electrical Characteristics
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW (tOST).
Note 11: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 12: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 13: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 14: The Output Disable Time is dominated by the RC Network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
5.2
7.3
3.0
7.8
ns
tPHL
Data to Output
2.5
4.8
7.3
2.5
7.8
tPZH
Output Enable Time
5.0
2.6
5.0
7.4
2.6
7.9
ns
tPZL
2.7
5.4
8.0
2.7
8.5
tPHZ
Output Disable Time
5.0
2.7
5.6
8.3
2.7
8.7
ns
tPLZ
2.4
5.2
7.9
2.4
8.4
TA = −40°C to +85°C
CL = 50 pF
TA = −40°C to +85°C
Symbol
Parameter
VCC
16 Outputs Switching
CL = 250 pF
Units
(V)
(Note 11)
(Note 12)
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay,
5.0
4.0
11.6
5.6
14.3
ns
tPHL
Data to Output
3.4
9.6
4.8
13.1
tPZH
Output Enable Time
5.0
3.3
10.1
(Note 13)
ns
tPZL
3.3
10.0
tPHZ
Output Disable Time
5.0
4.3
10.1
(Note 14)
ns
tPLZ
3.8
9.6
tOSHL
Pin to Pin Skew, HL
5.0
1.2
ns
(Note 10)
Data to Output
tOSLH
Pin to Pin Skew, LH
5.0
2.5
ns
(Note 10)
Data to Output
tOST
Pin to Pin Skew,
5.0
4.3
ns
(Note 10)
LH/HL Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0V


유사한 부품 번호 - 74ACTQ16541

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541MTD FAIRCHILD-74ACTQ16541MTD Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541SSC FAIRCHILD-74ACTQ16541SSC Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ16541

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ABT16244 FAIRCHILD-74ABT16244 Datasheet
90Kb / 8P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com