전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ16541 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74ACTQ16541
상세설명  16-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16541 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ16541 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16541 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
FACT Noise Characteristics
The setup of a noise characteristics measurement is critical
to the accuracy and repeatability of the tests. The following
is a brief description of the setup used to measure the
noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50 pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150 ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper load-
ing of the outputs and that the input levels are at the
correct voltage.
4. Set the HFS generator to toggle all but one output at a
frequency of 1 MHz. Greater frequencies will increase
DUT heating and effect the results of the measure-
ment.
5. Set the HFS generator input levels at 0V LOW and 3V
HIGH for ACT devices and 0V LOW and 5V HIGH for
AC devices. Verify levels with an oscilloscope.
Note A: VOHV and VOLP are measured with respect to ground reference.
Note B: Input pulses have the following characteristics: f = 1 MHz,
tr =3 ns, tf = 3 ns, skew < 150 ps.
FIGURE 1. Quiet Output Noise Voltage Waveforms
VOLP/VOLV and VOHP/VOHV:
• Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually be
the furthest from the ground pin. Monitor the output volt-
ages using a 50
Ω coaxial cable plugged into a standard
SMB type connector on the test fixture. Do not use an
active FET probe.
• Measure VOLP and VOLVon the quiet output during the
worst case transition for active and enable. Measure
VOHP and VOHV on the quiet output during the worst
case for active and enable transition.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
VILD and VIHD:
• Monitor one of the switching outputs using a 50
Ω coaxial
cable plugged into a standard SMB type connector on
the test fixture. Do not use an active FET probe.
• First increase the input LOW voltage level, VIL, until the
output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input LOW voltage level at which
oscillation occurs is defined as VILD.
• Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input HIGH voltage level at which
oscillation occurs is defined as VIHD.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
FIGURE 2. Simultaneous Switching Test Circuit


유사한 부품 번호 - 74ACTQ16541

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541MTD FAIRCHILD-74ACTQ16541MTD Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541SSC FAIRCHILD-74ACTQ16541SSC Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ16541

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541_05 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ABT16244 FAIRCHILD-74ABT16244 Datasheet
90Kb / 8P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com