전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ16540MTD 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ACTQ16540MTD
상세설명  16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16540MTD 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ16540MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010927
www.fairchildsemi.com
May 1991
Revised November 1999
74ACTQ16540
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
General Description
The ACTQ16540 contains sixteen inverting buffers with 3-
STATE outputs designed to be employed as a memory and
address driver, clock driver, or bus-oriented transmitter/
receiver. The device is byte controlled. Each byte has sep-
arate 3-STATE control inputs which can be shorted
together for full 16-bit operation.
The ACTQ16540 utilizes Fairchild Quiet Series
 technol-
ogy to guarantee quiet output switching and improved
dynamic threshold performance. FACT Quiet Series
 fea-
tures GTO
 output control for superior performance.
Features
s Utilizes Fairchild FACT Quiet Series technology
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin output skew
s Separate control logic for each byte
s Outputs source/sink 24 mA
s Additional specs for multiple output switching
s Output loading specs for both 50 pF and 250 pF loads
Ordering Code:
Device also available in Tape and Reel Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
FACT
, Quiet Series, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ16540SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ACTQ16540MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin
Description
Names
OEn
Output Enable Input (Active LOW)
I0–I15
Inputs
O0–O15
Outputs


유사한 부품 번호 - 74ACTQ16540MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541MTD FAIRCHILD-74ACTQ16541MTD Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541MTD FAIRCHILD-74ACTQ16541MTD Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541SSC FAIRCHILD-74ACTQ16541SSC Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ16540MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com