전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ16543MTD 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74ACTQ16543MTD
상세설명  16-Bit Registered Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16543MTD 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ16543MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ16543MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 5: Maximum number of outputs that can switch simultaneously is n. (n
− 1) outputs are switched LOW and one output held LOW.
Note 6: Maximum number of outputs that can switch simultaneously is n. (n
− 1) outputs are switched HIGH and one output held HIGH.
Note 7: Maximum number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V Input under test switching 3V to threshold (V
ILD).
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
±0.5V.
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
±0.5V
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.8
5.9
8.3
3.0
9.0
tPHL
Transparent Mode
5.0
3.5
5.5
7.9
2.6
8.5
ns
An to Bnor Bn to An
tPLH
Propagation Delay
4.7
6.9
9.8
3.4
10.8
tPHL
LEBAn, LEABn
5.0
3.96.3
9.03.1
9.8
ns
to An, Bn
tPZH
Output Enable Time
4.2
6.3
9.2
3.0
9.9
tPZL
OEBAn or OEABn to An or Bn
5.0
4.9
7.3
10.3
3.6
10.3
ns
CEBAn or CEABn to An or Bn
tPHZ
Output Disable Time
2.8
5.2
8.0
2.1
8.3
tPLZ
OEBAn or OEABn to An or Bn
5.0
2.65.0
7.62.0
8.1
ns
CEBAn or CEABn to An or Bn
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
An or Bn to LEBAn or LEABn
tH
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
An or Bn to LEBAn or LEABn
tW
Latch Enable, B to A
5.0
4.0
4.0
ns
Pulse Width, LOW


유사한 부품 번호 - 74ACTQ16543MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540MTD FAIRCHILD-74ACTQ16540MTD Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540SSC FAIRCHILD-74ACTQ16540SSC Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ16543MTD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com