전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ533 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ACTQ533
상세설명  Quiet Series Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ533 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ533 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010630
www.fairchildsemi.com
January 1990
Revised November 1999
74ACTQ533
Quiet Series Octal Transparent Latch
with 3-STATE Outputs
General Description
The ACTQ533 consists of eight latches with 3-STATE out-
puts for bus organized system applications. The flip-flops
appear transparent to the data when Latch Enable (LE) is
HIGH. When LE is LOW, the data satisfying the input tim-
ing requirements is latched. Data appears on the bus when
the Output Enable (OE) is LOW. When OE is HIGH, the
bus output is in the high impedance state.
The ACTQ533 utilizes Fairchild Quiet Series
 technology
to guarantee quiet output switching and improve dynamic
threshold performance. FACT Quiet Series features GTO
output control and undershoot corrector in addition to a
split ground bus for superior performance.
Features
s ICC and IOZ reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch up immunity
s Eight latches in a single package
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs source/sink 24 mA
s Inverted version of the ACTQ373
s 4 kV minimum ESD immunity
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
, FACT Quiet Series, and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ533SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ533MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACTQ533PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
Output Enable Input
O0–O7
3-STATE Latch Outputs


유사한 부품 번호 - 74ACTQ533

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541PC FAIRCHILD-74ACTQ541PC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74ACTQ533

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com