전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ74SC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74ACTQ74SC
상세설명  Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ74SC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ74SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ74SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
5.0
145
200
125
MHz
tPLH
Propagation Delay
5.0
3.0
7.0
8.5
3.0
9.0
ns
tPHL
CDn or SDn to Qn or Qn
tPLH
Propagation Delay
5.0
3.0
6.5
8.0
3.0
8.6
ns
tPHL
CPn to Qn or Qn
tOSLH
Output to Output
5.0
0.5
1.0
1.0
ns
tOSHL
Skew (Note 8)
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
1.0
3.0
3.0
ns
Dn to CPn
tH
Hold Time, HIGH or LOW
5.0
−0.5
1.5
1.5
ns
Dn to CPn
tW
CPn or CDn or SDn
5.0
3.0
4.0
4.0
ns
Pulse Width
tREC
Recovery Time
5.0
−2.5
1.5
1.5
ns
CDn or SDn to CP
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
60.0
pF
VCC = 5.0V


유사한 부품 번호 - 74ACTQ74SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
60Kb / 6P
   Quiet Series?줢uad 2-Input NAND Gate
74ACTQ00MTC FAIRCHILD-74ACTQ00MTC Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ00MTCX FAIRCHILD-74ACTQ00MTCX Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ00PC FAIRCHILD-74ACTQ00PC Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
More results

유사한 설명 - 74ACTQ74SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com